Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2089 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA2089
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA2089 Datasheet HTML 1Page - RF Micro Devices RFPA2089 Datasheet HTML 2Page - RF Micro Devices RFPA2089 Datasheet HTML 3Page - RF Micro Devices RFPA2089 Datasheet HTML 4Page - RF Micro Devices RFPA2089 Datasheet HTML 5Page - RF Micro Devices RFPA2089 Datasheet HTML 6Page - RF Micro Devices RFPA2089 Datasheet HTML 7Page - RF Micro Devices RFPA2089 Datasheet HTML 8Page - RF Micro Devices RFPA2089 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5 of 16
RFPA2089
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Typical Performance – 860MHz to 894MHz Application Circuit
30
31
32
33
34
35
36
37
38
39
40
850
860
870
880
890
900
910
Frequency (MHz)
Output IP3 versus Frequency
(11dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
100
110
120
130
140
150
160
170
180
12
14
16
18
20
22
24
26
28
-10
-9-8-7-6-5-4-3-2-1
0
1
2
3
4
5
6
Input Power (dBm)
Output Power and Current versus Input Power
at 880MHz
Pout (25°C)
Pout (-40°C)
Pout (85°C)
Icc (25°C)
Icc (-40°C)
Icc (85°C)
-70
-65
-60
-55
-50
-45
-40
-35
8
9
10
11
12
13
14
15
16
17
18
Output Channel Power (dBm)
ACPR versus WCDMA Output Power (25
°C)
850MHz
880MHz
910MHz
WCDMA_TM1_64DPCH_1C
-70
-65
-60
-55
-50
-45
-40
-35
8
9
10
11
12
13
14
15
16
17
18
Output Channel Power (dBm)
ACPR versus WCDMA Output Power (880MHz)
25°C
-40°C
85°C
WCDMA_TM1_64DPCH_1C
0
50
100
150
200
250
012345
6
Voltage (V)
DCIV over Temperature (with App. Circuit)
25°C
-40°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com