Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2226 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2226
Description  2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2226 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2226 Datasheet HTML 1Page - RF Micro Devices RFPA2226 Datasheet HTML 2Page - RF Micro Devices RFPA2226 Datasheet HTML 3Page - RF Micro Devices RFPA2226 Datasheet HTML 4Page - RF Micro Devices RFPA2226 Datasheet HTML 5Page - RF Micro Devices RFPA2226 Datasheet HTML 6Page - RF Micro Devices RFPA2226 Datasheet HTML 7Page - RF Micro Devices RFPA2226 Datasheet HTML 8Page - RF Micro Devices RFPA2226 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 of 17
RFPA2226
DS121010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VC1 Collector Bias Current (IVC1)1500
mA
**Device Voltage (VD)7.0
V
Power Dissipation
6
W
*Max RF output Power for 50
continuous long term
operation
30
dBm
Max RF Input Power for 50W
output load
28
dBm
Max RF Input Power for 10:1 VSWR
output load
23
dBm
Junction Temp (TJ)+150
°C
Operating Lead Temperature (TL)-40 to +85
°C
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model
1000
V
*Note: With specified application circuit
**Note: No RF Drive
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage
and current must not exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression: IDVD<(TJ-TL)/RTH, j-l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation,
2200
2700
MHz
Output Power at 1dB Compression
31.5
33.0
dBm
2.7GHz
Small Signal Gain
11.3
12.8
dB
2.7GHz
EVM
2.5
%
2.7GHz, 802.11g 54Mb/s at POUT=26dBm
Third Order Suppression
-45.0
-42.0
dBc
2.7GHz, POUT=23dBm per tone
Noise Figure
4.3
dB
2.7GHz
Worst Case Input Return Loss
8.0
12.0
dB
2.5GHz to 2.7GHz
Worst Case Output Return Loss
8.0
12.0
dB
2.5GHz to 2.7GHz
Power Detector Range
0.75
2.2
V
POUT=10dBm to 30dBm
Quiescent Current
395
445
495
mA
VCC=5V
Power Up Control Current
2.1
mA
VPC=5V
VCC Leakage Current
10
AVCC=5V, VPC=0V
Thermal Resistance
12.0
°C/W
junction - lead
Test Conditions: Z0=50, VCC=5V, IQ=445mA, TBP=30°C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com