Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5026 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFPA5026
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFPA5026 Datasheet HTML 8Page - RF Micro Devices RFPA5026 Datasheet HTML 9Page - RF Micro Devices RFPA5026 Datasheet HTML 10Page - RF Micro Devices RFPA5026 Datasheet HTML 11Page - RF Micro Devices RFPA5026 Datasheet HTML 12Page - RF Micro Devices RFPA5026 Datasheet HTML 13Page - RF Micro Devices RFPA5026 Datasheet HTML 14Page - RF Micro Devices RFPA5026 Datasheet HTML 15Page - RF Micro Devices RFPA5026 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout and Bill of Materials
5.15GHz to 5.35GHz Evaluation Board Layout for V+= VCC=VPC=5.0V, IQ=563mA
PCB Notes: Do not use less than the recommended number of via holes under the device ground paddle. RF layers thicker
than 0.020 inches )0.5mm) not recommended.
Bill of Materials
DESG
Description
Notes
Q1
RFPA5026
DFN
R1
750
, 0603 1%
0402 may be used.
R2
0
, 0603
0402 may be used.
R3
2.80K
, 0603 1%
0402 may be used.
R4
47K
, 0603
0402 may be used.
C1
1uF 16V MLCC CAP
Tantulum ok for EVM performance.
Use MLCC type for best IM3 levels.
C2
1.8pF CAP, 0603
NPO, ROHM MCH185A1R8DK or equiv.
C3, 4
0.1uF CAP, 0603
X7R 0402 ok, ROHM MCH182CN104K or equiv.
C5
4.7pF CAP, 0603
NPO, low ESR, ATC 600S4R7CW250 or equiv.
C6
0.7pF CAP, 0603
NPO, low ESR, ATC 600S0R7CW250 or equiv.
C7
5.6pF CAP, 0603
NPO, low ESR, ATC 600S5R6CW250 or equiv.
L1
5.6nH IND, 0805
Coilcraft 0805-HQ-5N6XJBB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com