Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5200 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5200
Description  3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5200 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5200 Datasheet HTML 1Page - RF Micro Devices RFPA5200 Datasheet HTML 2Page - RF Micro Devices RFPA5200 Datasheet HTML 3Page - RF Micro Devices RFPA5200 Datasheet HTML 4Page - RF Micro Devices RFPA5200 Datasheet HTML 5Page - RF Micro Devices RFPA5200 Datasheet HTML 6Page - RF Micro Devices RFPA5200 Datasheet HTML 7Page - RF Micro Devices RFPA5200 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFPA5200
Preliminary
DS130606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.5
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
1000
mA
Input RF Power with 50
Ω Output
Load
10
dBm
Maximum VSWR with no damage
10:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
VCC = 5.0V, VREG = 2.9V, temperature = 25°C,
MSC7 HT20 and HT40, frequency = 2412MHz to
2484MHz unless otherwise noted.
Tx Performance - 11g/n
Compliance with standard 802.11g/n
Frequency
2412
2484
MHz
802.11n Output Power
26.5
dBm
Dynamic EVM (11n)
2.5
3
%
802.11g Output Power
27
dBm
OFDM 64QAM 54Mbps
Dynamic EVM (11g)
2.5
3
%
Second Harmonic
-20
dBm/MHz At rated POUT
Third Harmonic
-43
dBm/MHz
Gain
31
33
dB
28
33
38
dB
Temperature -40°C to +85°C
Power Detect Range
0.1
2.1
V
POUT = 0dBm to 27dBm
Power Detect Voltage
1.3
1.6
2.1
V
At rated POUT
Input Return Loss - Tx input pin
10
15
dB
In specified frequency band
Output Return Loss at ANT pin
5
10
dB
Operating Current
470
520
mA
At rated POUT
Quiescent Current
150
185
mA
VCC = 5.0, VCONTROL = 3V and RF = OFF
PAE (Power Added Efficiency)
21
%
At rated POUT
PDOWN Current - VCC Supply
10
mA
PA_EN = 0V, VCC = 5V, VREG = 2.9V (includes IREG)
IREG
510
mA
VCC Leakage Current
10
μAVCC=5V, VREG = 0V, PA_EN=0V
Operating Power Supply - VCC
55.25
V
VREG Voltage (at VREG pin of Eval board)
2.85
2.90
3.3
V
Turn-on time from setting of VREGS
300
ns
Output stable to within 90% of final gain
Turn-off time from setting of VREGS400
ns
Stability
4:1
No spurs above -47dBm
CW P1dB
33
dBm
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com