Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5201ESB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA5201ESB
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5201ESB Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA5201ESB Datasheet HTML 1Page - RF Micro Devices RFPA5201ESB Datasheet HTML 2Page - RF Micro Devices RFPA5201ESB Datasheet HTML 3Page - RF Micro Devices RFPA5201ESB Datasheet HTML 4Page - RF Micro Devices RFPA5201ESB Datasheet HTML 5Page - RF Micro Devices RFPA5201ESB Datasheet HTML 6Page - RF Micro Devices RFPA5201ESB Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 7
RFPA5201E
Parameter
Specification
Unit
Condition
Min
Typ
Max
Typical Conditions
(continued)
VCC = 5.0V, VREG = 2.9V, PA_EN = 2.9V; 11n MCS7 HT20 and
HT40, temperature = 25°C, unless otherwise noted
Turn-on time from setting of
VREGS
1
µsec
Output stable to within 90% of final gain
Turn-off time from setting of
VREGS
1
µsec
Stability
-25
33
dBm
No spurs above -47dBm into 4:1 VSWR
Output P1dB
35
dBm
CW signal
Spectral Mask Margin to 802.11n
limits
2
dB
POUT = 31dBm; MCS0 HT20
General Performance
ESD
Human Body Model
500
V
EIA/JESD22-114A all pins
Charge Device Model
1000
V
JESD22-C101C all pins
Thermal Resistance
Theta_jc
13
°C/W
POUT - 29dBm; duty cycle - 90%; VCC = 5V; VREG = 2.90V; junction to
bottom of laminate package; TREF = 85°C
Theta_j-ref
18
°C/W
POUT - 29dBm; duty cycle - 90%; VCC = 5V; VREG = 2.90V; junction to
bottom of PCB; TREF = 85°C
Junction Temperature for Long
Term Reliability (Tjmax)
175
°C
POUT - 29dBm; VCC = 5V; VREG = 2.90V; TREF = 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com