Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2013SR Datasheet(PDF) 16 Page - RF Micro Devices

Part # RFSA2013SR
Description  VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2013SR Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RFSA2013SR Datasheet HTML 9Page - RF Micro Devices RFSA2013SR Datasheet HTML 10Page - RF Micro Devices RFSA2013SR Datasheet HTML 11Page - RF Micro Devices RFSA2013SR Datasheet HTML 12Page - RF Micro Devices RFSA2013SR Datasheet HTML 13Page - RF Micro Devices RFSA2013SR Datasheet HTML 14Page - RF Micro Devices RFSA2013SR Datasheet HTML 15Page - RF Micro Devices RFSA2013SR Datasheet HTML 16Page - RF Micro Devices RFSA2013SR Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16 of 17
RFSA2013
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Assembly Drawing
Evaluation Board Bill of Materials (BOM)
Notes:
1. Manufacturers' P/Ns are subject to change by the manufacturers following the issue of this document and are thereby
included for reference only.
2. Contact RFMD Corporate Engineering Materials with questions regarding specific Manufacturers' P/Ns.
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
Voltage Controlled Attenuator VCA, 5V
U1
RFMD
RFSA2013
CONN, SMA, END LNCH, MINI, FLT, 0.068”
J1-J2
Emerson Network Power
142-0741-851
CONN, HDR, SR, 4-PIN, 0.100”, T/H‘
P1
MOLEX
22-28-4043
PCB, SA2013-410
DDI
SA2013-410
CAP, 1000pF, 10%, 25V, X7R, 0402
C1-C2, C9
Murata Electronics
GRM155R71H102KA01D
CAP, 1
F, 10%, 16V, X7R, 1206
C4
Murata Electronics
GRM31MR71E105KC01L
RES, 100
, 5%, 1/16W, 0402
R5
Kamaya, Inc
RMC1/16S-101JTH
DNP
C3, C5-C8
N/A
N/A
DNP
R1-R4
N/A
N/A
DNP
P2
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com