Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2644TR13 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSA2644TR13
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2644TR13 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFSA2644TR13 Datasheet HTML 4Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 5Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 6Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 7Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 8Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 9Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 10Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 11Page - RF Micro Devices RFSA2644TR13 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RFSA2644
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Connect to Low Inductance Path to Ground.
2VDD
Power Supply.
3GND
Connect to Low Inductance Path to Ground.
4RF1
RF Port; External DC Block Required.
5GND
Connect to Low Inductance Path to Ground.
6GND
Connect to Low Inductance Path to Ground.
7GND
Connect to Low Inductance Path to Ground.
8GND
Connect to Low Inductance Path to Ground.
9GND
Connect to Low Inductance Path to Ground.
10
GND
Connect to Low Inductance Path to Ground.
11
GND
Connect to Low Inductance Path to Ground.
12
GND
Connect to Low Inductance Path to Ground.
13
GND
Connect to Low Inductance Path to Ground.
14
GND
Connect to Low Inductance Path to Ground.
15
RF2
RF Port; External DC Block Required.
16
GND
Connect to Low Inductance Path to Ground.
17
GND
Connect to Low Inductance Path to Ground.
18
GND
Connect to Low Inductance Path to Ground.
19
NC
No Internal Connection; EVB Can Be Ground or No Connect.
20
PUP
Power-up Programming Pin.
Low = Max Attenuation (31.5dB) at Power-up.
High = Min Attenuation (0dB) at Power-up.
21
CLK
Serial Clock.
22
LE
Latch Enable.
23
NC
No Internal Connection; EVB Can Be Ground or No Connect.
24
DATA
Serial Data.
EPAD
GND
DC and RF Ground; Must be Soldered to EVB Ground Plane Over a Bed of Vias for Thermal and RF
Performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com