Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3350 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3350
Description  High Current Supercapacitor Backup Controller and System Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3350 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3350_15 Datasheet HTML 3Page - Linear Technology LTC3350_15 Datasheet HTML 4Page - Linear Technology LTC3350_15 Datasheet HTML 5Page - Linear Technology LTC3350_15 Datasheet HTML 6Page - Linear Technology LTC3350_15 Datasheet HTML 7Page - Linear Technology LTC3350_15 Datasheet HTML 8Page - Linear Technology LTC3350_15 Datasheet HTML 9Page - Linear Technology LTC3350_15 Datasheet HTML 10Page - Linear Technology LTC3350_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
LTC3350
7
3350fb
For more information www.linear.com/LTC3350
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VOUT = 12V, VDRVCC = VINTVCC unless otherwise
noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU,STO
Stop Condition Set-Up Time
0.6
µs
tHD,DATO
Output Data Hold Time
0
900
ns
tHD,DATI
Input Data Hold Time
0
ns
tSU,DAT
Data Set-Up Time
100
ns
tSP
Input Spike Suppression Pulse Width
50
ns
VSMBALERT
SMBALERT Output Low Voltage
ISINK = 1mA
200
mV
ISMBALERT
SMBALERT High-Z Leakage Current
VSMBALERT = 5V
l
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3350 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3350E is guaranteed to meet specifications from
0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3350I is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and
power dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA)
where
θJA = 34°C/W for the UHF package.
Note 3: The LTC3350 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125˚C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See the Applications Information
section.
Note 5: Measurement error is the magnitude of the difference between the
actual measured value and the ideal value. VSNSI is the voltage between
VOUTSP and VOUTSN, representing input current. VSNSC is the voltage
between ICAP and VCAP, representing charge current. Error for VSNSI and
VSNSC is expressed in μV, a conversion to an equivalent current may be
made by dividing by the sense resistors, RSNSI and RSNSC, respectively.
Typical perForMance characTerisTics
Supercapacitor Backup Operation
HV Electrolytic Backup Operation
Shunt Operation Using VCAP2
VIN
2V/DIV
VCAP
2V/DIV
VOUT
2V/DIV
400ms/DIV
BACK PAGE APPLICATION CIRCUIT
0V
3350 G01
PBACKUP = 25W
VIN
5V/DIV
VCAP
5V/DIV
VOUT
5V/DIV
20ms/DIV
APPLICATION CIRCUIT 6
0V
3350 G02
PBACKUP = 25W
VCAP2 (V)
2.64
3
4
5
2.67
2.69
3350 G03
2
1
2.65 2.66
2.68
ICAP2
2.70 2.71
0
–1
ICHARGE
VSHUNT = 2.7V
TA = 25°C, Application Circuit 4 unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com