Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA44652B Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA44652B
Description  Step Recovery Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA44652B Datasheet(HTML) 2 Page - Tyco Electronics

  MA44652B Datasheet HTML 1Page - Tyco Electronics MA44652B Datasheet HTML 2Page - Tyco Electronics MA44652B Datasheet HTML 3Page - Tyco Electronics MA44652B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
V3.00
Step Recovery Diodes
MA43000, MA44600, MA44700 Series
Electrical Specifications @ 25°C
Snap Varactors
Notes:
1. When ordering, specify the desired case style by adding the case des-
ignation as a suffix to the model number. Case styles for the MA44600
series are 30, 91 and 93. To order in chip form, add the suffix “134” to
the model number. The nominal chip size for the MA44600 series is
15 mils.
Junction3
Minimum2
Capacitance
Minimum
Transition Time T
S
4
Reverse
Range (C
j)
Lifetime
(ps)
Model1
Voltage V
R
Min./Max.
10 mA/6 mA
Number
(Volts)
(pF)
TI (ns)
Nominal
Max.
MA44621A
20
0.2 / 0.3
7
50
100
MA44621B
20
0.3 / 0.4
7
50
100
MA44621C
20
0.4 / 0.5
7
50
100
MA44622A
20
0.5 / 0.7
7
50
100
MA44622B
20
0.7 / 0.9
7
50
100
MA44631A
30
0.3 / 0.5
8
70
100
MA44631B
30
0.5 / 0.7
8
70
100
MA44631C
30
0.7 / 0.9
8
70
100
MA44641A
40
0.4 / 0.6
12
90
150
MA44641B
40
0.6 / 0.8
12
90
150
MA44641C
40
0.8 / 1.1
12
90
150
MA44652A
50
0.5 / 0.7
15
150
200
MA44652B
50
0.7 / 0.9
15
150
200
MA44652C
50
0.9 / 1.1
15
150
200
MA44663A
60
0.7 / 0.9
20
250
300
MA44663B
60
0.9 / 1.1
20
250
300
MA44663C
60
1.1 / 1.5
20
250
300
MA44663D
60
1.5 / 2.0
20
250
300
2. Reverse voltage (V
R) is measured at a reverse bias current of 10 µA.
3. Junction capacitance is measured at a reverse voltage of 6 volts and a
frequency of 1 MHz.
4. Transition time is measured between 20% and 80% points on the volt-
age recovery trace. Test conditions are +10 mA and -10 volts.
Case Styles (See appendix for complete dimensions)
30
91
93
134



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com