Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5658-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SC5658-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC5658-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SC5658-HF_15 Datasheet HTML 1Page - Comchip Technology 2SC5658-HF_15 Datasheet HTML 2Page - Comchip Technology 2SC5658-HF_15 Datasheet HTML 3Page - Comchip Technology 2SC5658-HF_15 Datasheet HTML 4Page - Comchip Technology 2SC5658-HF_15 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (
)
2SC5658-HF
Page 2
QW-JTR07
Comchip
S M D D i o d e S p e c i a l i s t
10
Collecor Current, Ic (mA)
0.1
1000
100
Fig.2- HFE — IC
1
10
100
150
Fig.4 - VCEsat — IC
100
Collector Current, IC (mA)
0.1
2000
1000
10
100
150
Fig.3- VBEsat — IC
1
Base-Emmiter Voltage, VBE (V)
0.0
150
Fig.5 - IC — VBE
0.3
0.6
0.9
1.2
100
10
General Purpose Transistor
Fig.1- Static Characteristic
Collector Emitter Voltage VCE , (V)
-0
5
2
3
1
4
4
0
1
2
3
5
6
COMMON
Ta=25°C
EMITTER
6
7
8
IB=2uA
4uA
6uA
8uA
10uA
12uA
14uA
16uA
18uA
20uA
COMMON EMITTER
VCE=6V
1
Ta=25°C
Ta=100°C
ß=10
Collector Current, IC (mA)
0.1
300
10
100
150
1
ß=10
Ta=100°C
Ta=25°C
COMMON EMITTER
VCE=6V
10
Collector Current, IC (mA)
1
1000
Fig.5 - fT — IC
10
100
100
COMMON EMITTER
VCE=6V
Ta=25°C
REV: A
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
-0
5
2
3
1
4
4
0
1
2
3
5
6
COMMON
Ta=25°C
EMITTER
6
7
8
IB=2uA
4uA
6uA
8uA
10uA
12uA
14uA
16uA
18uA
20uA
COMMON EMITTER
VCE=6V
Ta=25°C
Ta=100°C
ß=10
10
100
ß=10
Ta=100°C
Ta=25°C
COMMON EMITTER
VCE=6V
COMMON EMITTER
VCE=6V
Ta=25°C
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com