Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA44652C Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA44652C
Description  Step Recovery Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA44652C Datasheet(HTML) 4 Page - Tyco Electronics

  MA44652C Datasheet HTML 1Page - Tyco Electronics MA44652C Datasheet HTML 2Page - Tyco Electronics MA44652C Datasheet HTML 3Page - Tyco Electronics MA44652C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
4
Specifications Subject to Change Without Notice.
V3.00
Step Recovery Diodes
MA43000, MA44600, MA44700 Series
Notes:
1. The standard case styles are indicated for each model number. For
other available case styles, consult the factory.
2. This is an operable output frequency range and does not imply instan-
taneous bandwidth.
Min./Max.4
Maximum2
Min./Max.3
Junction
Min./Max.
Maximum
Maximum
Nominal2
Input
Reverse
Capacitance
Carrier
Snap Time, T
S
Thermal
Output
Model
Case1
Power
Voltage V
R
Cj
Lifetime, T
L
-10V/10 mA
Resistance
Frequency
Number
Style
(Watts)
(Volts)
(pF)
(ps)
(ps)
jc(C/W)
(GHz)
MA43592
30
1.0
25 - 40
0.2 - 0.30
9 - 27
90
70
1 - 12
MA43543
93
1.5
20 - 50
0.2 - 0.55
10 - 25
60
125
2 - 20
Absolute Maximum Ratings @ 25°C
Parameter
Absolute Maximum
Temperature Range
Operating Range
-65°C to +200°C
-65°C to +125°C (SOT-23 only)
Storage Range
-65°C to +200°C
-65°C to +125°C (SOT-23 only)
Environmental Performance
The MA44600 and MA43000 series of diodes in ceramic
packages are capable of meeting the tests dictated by the
methods and procedures of the latest revisions of MIL-S-
19500, MIL-STD-202 and MIL-STD-750 which specify
mechanical, electrical, thermal and other environmental
tests common to military semiconductor products.
Electrical Specifications @ 25° C (Cont’d)
High Order Step Recovery Diode Varactors for Use in Comb Generation
Case Styles (See appendix for complete dimensions)
3. Breakdown voltage is measured at a reverse bias voltage of 10 µA.
4. Junction capacitance is measured at a reverse bias voltage of 6 volts
and a frequency of 1 MHz.
30
93



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com