Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4M Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4M
Description  MNS Microwave Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4M Datasheet(HTML) 1 Page - Tyco Electronics

  MA4M Datasheet HTML 1Page - Tyco Electronics MA4M Datasheet HTML 2Page - Tyco Electronics MA4M Datasheet HTML 3Page - Tyco Electronics MA4M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
MNS Microwave Chip Capacitors
MA4M Series
V3.00
Features
• Excellent Repeatability
(Wafer-to-Wafer and Lot-to-Lot)
• Small Size
• Low Loss, High Q
• Available with Round or Square Bonding Pads
Description
M/A-COM’s MA4M series of MNS (metal-nitride-silicon) sili-
con chip capacitors is designed specifically for high reliability and
repeatable performance in microwave circuit applications. These
capacitors are made using a low pressure chemical vapor deposi-
tion (LPCVD) that results in dense, uniform nitride layers. These
capacitors exhibit higher capacitance per unit area (resulting in
smaller chip size) than similar MOS, MIS and ceramic capacitors.
Evaporated gold contacts are used to provide an easily bondable
metal pad on the capacitor chip. M/A-COM MNS capacitors have
shown no measurable capacitance change when subjected to the
rated standoff voltage of 150ºC.
The MA4M series of chip capacitors is an excellent choice for use
in hybrid microwave circuits up through Ku-band, where low
loss, high reliability, small size and temperature stability are
prime concerns.
These chip capacitors are suited for applications requiring DC
blocks, coupling capacitors, bypass capacitors, capacitive loads
and tuning elements in oscillators, multipliers and filters.
Case Style
350
Characteristics Compared
MNS
Ceramic
Operating Temperature Range
-55 to +200°C
-55 to +125°C
Temperature Coefficient
180 PPM
1000 PPM
Insertion Loss of a 20 pF Capacitor in a 50
Ω line at 15 GHz
0.1 dB
0.2 dB
Chip Size
200 pF, 100V
40 x 40 mils
70 x 70 mils
20 pF, 100V
22 x 22 mils
50 x 50 mils
Comparison of M/A-COM MNS Capacitors to Ceramic Chip Capacitors
MNS Microwave
Chip Capacitors
MA4M Series


Similar Part No. - MA4M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
MA4M MA-COM-MA4M Datasheet
140Kb / 4P
MNS Microwave Chip Capacitors
MA4M1050 MA-COM-MA4M1050 Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
MA4M1050 MA-COM-MA4M1050 Datasheet
140Kb / 4P
MNS Microwave Chip Capacitors
MA4M1050 MA-COM-MA4M1050 Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
More results

Similar Description - MA4M

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
logo
M/A-COM Technology Solu...
MA4M MA-COM-MA4M Datasheet
128Kb / 4P
MNS Microwave Chip Capacitors
logo
Microsemi Corporation
GC84001 MICROSEMI-GC84001 Datasheet
78Kb / 2P
PASSIVE DEVICES MNS Capacitors
logo
M/A-COM Technology Solu...
MA4M_V4 MA-COM-MA4M_V4 Datasheet
140Kb / 4P
MNS Microwave Chip Capacitors
logo
AVX Corporation
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
Low ESR Microwave Capacitors
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
RF/Microwave C0G Capacitors
logo
Panasonic Semiconductor
ECD-G0E3R3B PANASONIC-ECD-G0E3R3B Datasheet
233Kb / 6P
High-Q Capacitors (Microwave Chip Capacitors)
logo
M/A-COM Technology Solu...
MA4MXXXX MA-COM-MA4MXXXX Datasheet
486Kb / 5P
MNS Microwave Chip Capacitors
logo
Gamewell-FCI by Honeywe...
E3BB-BAA GAMEWELL-FCI-E3BB-BAA Datasheet
86Kb / 3P
Combined Fire and MNS System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com