Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46413 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA46413
Description  GaAs Constant Gamma Hyperabrupt Tuning Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46413 Datasheet(HTML) 1 Page - Tyco Electronics

  MA46413 Datasheet HTML 1Page - Tyco Electronics MA46413 Datasheet HTML 2Page - Tyco Electronics MA46413 Datasheet HTML 3Page - Tyco Electronics MA46413 Datasheet HTML 4Page - Tyco Electronics MA46413 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
GaAs Constant Gamma
Hyperabrupt Tuning Varactors
MA46410 thru 480 Series
Features
q
Constant Gamma = 1.0, 1.25 or 1.5
q
High Q (up to 4000 at -4 Volts)
q
Larger Capacitance Change with Voltage
q
More Linear Frequency Tuning
q
High and Nearly Constant Modulation Sensitivity
Description
The MA46450, MA46470 and MA46410 series of tuning
varactors are hyperabrupt junction Gallium Arsenide
diodes featuring constant gamma 1.0 (MA46450 series),
1.25 (MA46470 series) or 1.5 (MA46410 series). These
diodes offer high Q (up to 4000) permitting excellent tun-
ing performance from VHF through Ka band. Each part in
this series exhibits the large change in capacitance versus
bias voltage characteristic of hyperabrupt junctions. The
standard capacitance tolerance is ±10%, with tighter toler-
ances available. Capacitance matching at one or more bias
voltages is also available. All diode types are available in
a wide selection of ceramic packages and in chip form.
Applications
The constant gamma value of 1.0, 1.25 or 1.5 available
with these diodes enables the circuit designer to produce
significant improvements in circuit performance. Constant
gamma tuning varactors permit more linear VCO frequen-
cy tuning than do conventional hyperabrupt tuning varac-
tors. These varactors are particularly well suited for use in
voltage tuned filters, analog phase shifters, and modulator
circuits.
Case Styles
30
277
PACKAGED TUNING VARACTOR EQUIVALENT CIRCUIT
TYPICAL JUNCTION CAPACITANCE vs TUNING VOLTAGE
TUNING VOLTAGE V
R + Ø (VOLTS)


Similar Part No. - MA46413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46413 MACOM-MA46413 Datasheet
267Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
logo
M/A-COM Technology Solu...
MA46413 MA-COM-MA46413 Datasheet
272Kb / 5P
GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
MA46413 MA-COM-MA46413 Datasheet
965Kb / 6P
GaAs Hyperabrupt Varactor Diode
More results

Similar Description - MA46413

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
Hyperabrupt Tuning Varactors
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
Hyperabrupt Tuning Varactors
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com