Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4M2020 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4M2020
Description  MNS Microwave Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4M2020 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4M2020 Datasheet HTML 1Page - Tyco Electronics MA4M2020 Datasheet HTML 2Page - Tyco Electronics MA4M2020 Datasheet HTML 3Page - Tyco Electronics MA4M2020 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
MNS Microwave Chip Capacitors
MA4M Series
V3.00
Specifications
Chip Capacitors with Round Bonding Pads
Model
Number
Capactance
(pF)
1,2,3,4
± 10 %
Maximum
Standoff
Voltage
Rating
2,5
(Volts)
Chip
Style
Nominal
Top
Contact
Diameter
(mils)
MA4M2002
2
200
132
3.5
MA4M2005
5
200
132
6.0
MA4M1010
10
100
132
6.0
MA4M1020
20
100
132
9.0
MA4M2020
20
200
132
11.5
MA4M1030
30
100
132
11.0
MA4M1050
50
100
132
14.0
MA4M1080
80
100
199
18.0
MA4M1100
100
100
199
20.0
MA4M2100
100
200
200
26.0
MA4M1200
200
100
200
28.0
MA4M1250
250
100
200
32.0
MA4M1300
300
100
201
35.0
MA4M2300
300
200
263
45.0
MA4M1600
600
100
263
48.0
Chip Capacitors with Square Bonding Pads
Model
Number
Capactance
(pF)
1,2,3,4
± 10 %
Maximum
Standoff
Voltage
Rating
2,5
(Volts)
Chip
Style
MA4M3010
10
200
350
MA4M3020
20
200
351
MA4M3030
30
200
352
MA4M3050
50
200
354
MA4M3100
100
50
358
MA4M3150
150
50
359
Notes:
1 5% capacitance tolerance is available on request.
2 Other capacitance and standoff voltage values are available on request.
3 Capacitance is measured at 1 MHz.
4 Temperature coefficient of capacitance is nominally 180 PPM/°C.
5 Device failure may occur if standoff voltage ratio is exceeded.
Maximum Ratings
Applied Voltage
Specified standoff voltage
Operating Temperature
-55°C to +200°C
Storage Temperature
-55°C to +200°C
TYPICAL CAPACITANCE CHANGE FOR MNS and
CERAMIC CAPACITOR vs TEMPERATURE
(200 pF CAPACITOR)
+10
+8
+6
+4
-4
-6
-8
-10
-75
-25
0
50
25
125
150
200
%
CAPACITANCE
CHANGE
TEMPERATURE
qC
M/A-COM MA4M1200
CAPACITOR
CERAMIC
CAPACITOR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com