Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4ST081 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST081
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST081 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST081 Datasheet HTML 1Page - Tyco Electronics MA4ST081 Datasheet HTML 2Page - Tyco Electronics MA4ST081 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079 thru 083
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Electrical Specifications @ 25°C
Breakdown Voltage @ I
R = 10 µA, VB = 12 Volts Minimum
Reverse Leakage Current @ V
R = 10 Volts, IR = 100 nA Maximum
Temperature Coefficient ot Capacitance @ V
R = 8 Volts, TCC = 400 ppm/°C Typical
Ordering Information
The part numbers shown are for single diodes. When
ordering diodes in common cathode pairs add suffix
“CK.” For example, MA4ST079CK specifies model num-
ber MA4ST079 as a common cathode pair. To order parts
on tape and reel add suffix T/R to the end of the part
number. i.e. MA4ST079-T/R
Parameter
Absolute Maximum
Reverse Voltage
12 Volts
Junction Temperature
-65°C to +125°C
Storage Temperature
-65°C to +125°C
Forward Current
50 mA
Power Dissipation
50 mW @ 25°C
Minimum
Maximum
Maximum
Typical
Model
Total Capacitance
Total Capacitance
Total Capacitance
Total Capacitance
Total Capacitance
Typical
Number
(pF)
(pF)
(pF)
(pF)
Ratio C
T1/CT8
Q
f = 1 MHz
f = 1 MHz
f = 1 MHz
f = 1 MHz
f = 1 MHz
f = 50 MHz
V
R = 1 Volt
V
R = 2.5 Volts
V
R = 4 Volts
V
R = 8 Volts
V
R = 1/ VR=8
V
R = 4 Volts
min.
max.
MA4ST079
87.4
48.7
59.5
27.3
11.8
9.1
80
MA4ST080
40.0
22.3
27.3
13.1
5.5
8.9
150
MA4ST081
16.2
9.1
11.1
5.2
2.4
8.5
300
MA4ST082
11.5
6.6
8.0
3.8
1.8
8.2
350
MA4ST083
7.9
4.5
5.5
2.6
1.3
7.8
450
Absolute Maximum Ratings @ 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com