Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACPES0028 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MACPES0028
Description  E-Series 75 Ohm Coupler 40 - 1000 MHZ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MACPES0028 Datasheet(HTML) 2 Page - Tyco Electronics

  MACPES0028 Datasheet HTML 1Page - Tyco Electronics MACPES0028 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1598 A
Directivity
Coupling
Typical Performance @ 25°C
Mainline Loss
Input Return Loss
Output Return Loss
Coupled Port Return Loss
Operating Characteristics
Function
Pin No.
Input
1
Output
6
Coupled
3
Ground
5
Not Connected
2
External 75 Ohms
4
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Pin Temperature (10 sec)
260°C
Operating/Storage Temperature
-40°C to +85°C
-3.00
-2.40
-1.80
-1.20
-0.60
0.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
-30.00
-24.00
-18.00
-12.00
-6.00
0.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
-35.00
-28.00
-21.00
-14.00
-7.00
0.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
-8.00
-6.40
-4.80
-3.20
-1.60
0.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
-30.00
-24.00
-18.00
-12.00
-6.00
0.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
0.00
7.00
14.00
21.00
28.00
35.00
40.00
232.00
424.00
616.00
808.00
1000.00
Frequency (MHz)
MACPES0028



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com