Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBK-1 Datasheet(PDF) 2 Page - CUI INC

Part # PBK-1
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-1 Datasheet(HTML) 2 Page - CUI INC

  PBK-1 Datasheet HTML 1Page - CUI INC PBK-1 Datasheet HTML 2Page - CUI INC PBK-1 Datasheet HTML 3Page - CUI INC PBK-1 Datasheet HTML 4Page - CUI INC PBK-1 Datasheet HTML 5Page - CUI INC PBK-1 Datasheet HTML 6Page - CUI INC PBK-1 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date
03/25/2014 │ page 2 of 7
CUI Inc
│ SERIES: PBK-1 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
70
264
400
Vac
Vdc
frequency
47
440
Hz
current
at 115 Vac
at 230 Vac
120
40
mA
mA
inrush current
at 115 Vac
at 230 Vac
10
20
A
A
no load power consumption
0.5
W
input fuse
1 A/250 V, slow-blow type (external, required)
OUTPUT
parameter
conditions/description
min
typ
max
units
output current
5%
capacitive load
5 Vdc output models
all other models
220
100
μF
μF
line regulation
at full load
±1.5
%
load regulation
at 5%~100% load
±2.5
%
voltage set accuracy
5 Vdc output models
all other models
±10
±5
%
%
hold-up time
at 115 Vac
at 230 Vac
80
300
ms
ms
switching frequency
50
kHz
temperature coefficient
±0.1
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto restart
over current protection
auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,000
Vac
isolation resistance
100
MΩ
safety approvals
UL60950-1, CE
safety class
Class II
conducted emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
radiated emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
ESD
IEC/EN61000-4-2 Class B, contact ±4 kV
radiated immunity
IEC/EN61000-4-3 Class A, 10V/m (external circuit required, see figure 3)
EFT/burst
IEC/EN61000-4-4 Class B, ±2 kV (external circuit required, see figure 2)
IEC/EN61000-4-4 Class B, ±4 kV (external circuit required, see figure 3)
surge
IEC/EN61000-4-5 Class B, ±1 kV/±2 kV (external circuit required, see figure 3)
conducted immunity
IEC/EN61000-4-6 Class A, 3 Vr.m.s (external circuit required, see figure 3)
PFM
IEC/EN61000-4-8 Class A, 10 A/m
voltage dips & interruptions
IEC/EN61000-4-11 Class B, 0%-70%
MTBF
at 25°C, max. load
300,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com