Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMDES0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMDES0002
Description  E-Series I/Q Demodulator 851-869 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMDES0002 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMDES0002 Datasheet HTML 1Page - Tyco Electronics MAMDES0002 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1576 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-10°C to +70°C
Storage Temperature
-55°C to +100°C
Impedance
50 Ohms Nominal
RF Power (1dB Compression)
4 dBm Max
Functional Configuration
Function
Pin No.
LO
1
RF
8
I
5
Q
6
External 50 Ohms
Case Ground
2,3,4,7
Not Connected
Typical Performance @ +25°C
Amplitude Unbalance
-0.15
-0.09
-0.03
0.03
0.09
0.15
0.30
2.24
4.18
6.12
8.06
10.00
Frequency (MHz)
Phase Unbalance
80.00
84.00
88.00
92.00
96.00
100.00
0.30
2.24
4.18
6.12
8.06
10.00
Frequency (MHz)
MAMDES0002
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/
. 0/
msec
AT 2
0/
dB
REF 9.1 dBm
LOG
1
0/
dB/
CENTER 851.
0/
0/
0/
MHz
SPAN 1.
0/
0/
0/
MHz
-46.44 dB
MKR
0/
Hz
PEAK
WA SB
SC FC
CORR
MARKER
0/
Hz
-46.44 dB
11:3
0/
:48 18 SEP 2
0/
0/
0/
MARKER
MARKER
NEXT
PEAK
NEXT PK
RIGHT
NEXT PK
LEFT
More
1 of 2
L-R Isolation
RES BW 1.
0/
kHz
VBW 1 kHz
SWP 3
0/
0/
msec
AT 1
0/
dB
REF -1
0/
.6 dBm
LOG
1
0/
dB/
CENTER 851.
0/
0/
0/
0/
MHz
SPAN 1
0/
0/
. 0/
kHz
-5.24 dB
MKR 85
0/
.9995 MHz
*
PEAK
VA SB
SC FC
CORR
SPAN
1
0/
0/
. 0/
kHz
0/
9:1
0/
:35 19 SEP 2
0/
0/
0/
SPAN
SPAN
ZOOM
FULL
SPAN
ZERO
SPAN
LAST
SPAN
PEAK
ZOOM
Conversion Loss
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/
. 0/
msec
AT 1
0/
dB
REF -17.2 dBm
LOG
1
0/
dB/
CENTER 851.
0/
0/
0/
MHz
SPAN 1.
0/
0/
0/
MHz
-29.28 dB
MKR
0/
Hz
PEAK
WA SB
SC FC
CORR
MARKER
0/
Hz
-29.28 dB
12:23:46 18 SEP 2
0/
0/
0/
MARKER
CF
MARKER
NEXT
PEAK
NEXT PK
RIGHT
NEXT PK
LEFT
More
1 of 2
L-Q Isolation
L-I Isolation
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/
. 0/
msec
AT 1
0/
dB
REF -.3 dBm
LOG
1
0/
dB/
CENTER 851.
0/
0/
0/
MHz
SPAN 1.
0/
0/
0/
MHz
-28.85 dB
MKR
0/
Hz
PEAK
WA SB
SC FC
CORR
MARKER
0/
Hz
-28.85 dB
12:55:59 18 SEP 2
0/
0/
0/
MARKER
MARKER
MARKER
MARKER
MARKER
More
1 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com