Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5072 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 9Page - Richtek Technology Corporation RT5072 Datasheet HTML 10Page - Richtek Technology Corporation RT5072 Datasheet HTML 11Page - Richtek Technology Corporation RT5072 Datasheet HTML 12Page - Richtek Technology Corporation RT5072 Datasheet HTML 13Page - Richtek Technology Corporation RT5072 Datasheet HTML 14Page - Richtek Technology Corporation RT5072 Datasheet HTML 15Page - Richtek Technology Corporation RT5072 Datasheet HTML 16Page - Richtek Technology Corporation RT5072 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
RT5072
13
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN Wake Up Threshold Voltage
VRTC = 3.05V
3.55
3.75
4
V
VIN Wake Up Threshold
Hysteresis
VRTC = 3.05V
--
0.24
--
V
Control
High-Level
1.3
--
--
V
EN Input Threshold
Low-Level
--
--
0.4
V
EN Pull Down Current
--
1
3
A
SEQ Pull High Threshold for
Power Sequence #0
0.2
--
--
V
SEQ Pull Down Resistance for
Power Sequence #1
BAT = SYS = 2.7V
25
40
64
k
SEQ Pull Down Resistance for
Power Sequence #2
BAT = SYS = 2.7V
6.25
10
16
k
SEQ Pull Down Resistance for
Power Sequence #3
BAT = SYS = 2.7V
1.56
2.5
4
k
SEQ Pull Down Resistance for
Power Sequence #4
BAT = SYS = 2.7V
--
0.63
1
k
SEQ Pull Low Threshold for
Power Sequence #4
--
--
0.2
V
SEQ Pull Down Resistance for
Power Sequence #5
BAT = SYS = 2.7V
100
160
--
k
Power Sequence Time Gap
From previous channel starting
to next channel starting
9
10
11
ms
Protection
Protection Fault Delay
--
100
--
ms
Thermal Shutdown
TSD
125
155
--
°C
Thermal Shutdown Hysteresis
TSD
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com