Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6200GE Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6200GE
Description  RT6200GE Evaluation Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200GE Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6200GE Datasheet HTML 1Page - Richtek Technology Corporation RT6200GE Datasheet HTML 2Page - Richtek Technology Corporation RT6200GE Datasheet HTML 3Page - Richtek Technology Corporation RT6200GE Datasheet HTML 4Page - Richtek Technology Corporation RT6200GE Datasheet HTML 5Page - Richtek Technology Corporation RT6200GE Datasheet HTML 6Page - Richtek Technology Corporation RT6200GE Datasheet HTML 7Page - Richtek Technology Corporation RT6200GE Datasheet HTML 8Page - Richtek Technology Corporation RT6200GE Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT6200GE
Evaluation Board
UG6200GE-00
January 2015
4
http://www.richtek.com
your power partner.
4.
Verify the output voltage (approximately 5.0V) between VOUT and GND.
5.
Connect an external load up to 0.6A to the VOUT and GND terminals and verify the output voltage and current.
Output Voltage Setting
Set the output voltage with the resistive divider (R1, R2) between VOUT and GND with the midpoint connected to
FB. The output is set by the following formula:
OUT
R1
V
= 0.8 x (1 +
)
R2
The installed VOUT capacitor (C4) is 22μF, 16V X5R ceramic types. Do not exceed their operating voltage range and
consider their voltage coefficient (capacitance vs. bias voltage) and ensure that the capacitance is sufficient to
maintain stability and provide sufficient transient response for your application. This can be verified by checking the
output transient response as described in the RT6200 IC datasheet.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com