Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6208 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6208 Datasheet HTML 9Page - Richtek Technology Corporation RT6208 Datasheet HTML 10Page - Richtek Technology Corporation RT6208 Datasheet HTML 11Page - Richtek Technology Corporation RT6208 Datasheet HTML 12Page - Richtek Technology Corporation RT6208 Datasheet HTML 13Page - Richtek Technology Corporation RT6208 Datasheet HTML 14Page - Richtek Technology Corporation RT6208 Datasheet HTML 15Page - Richtek Technology Corporation RT6208 Datasheet HTML 16Page - Richtek Technology Corporation RT6208 Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6208-00
May
2015
www.richtek.com
13
Input Under Voltage Lockout
The RT6208 implements a protection feature which
disables switching when the input voltage is too low. If
VIN falls below 3.9V typical, an under voltage detector
disables switching. Switching is enabled when the input
voltage exceeds 4.2V typical (4.5V maximum).
Enable Operation
The EN pin can be used to shutdown or activate the
chip. Pulling the EN pin low (<1V) will shutdown the
device. During shutdown mode, the RT6208 quiescent
current drops to lower than 3
A. Driving the EN pin
high (>1.4V) will turn on the device again. Leaving the
EN pin floating will pull the EN pin up to 2V internally
and enable RT6208.
Soft-Start
The RT6208 provides an internal soft-start function to
prevent large inrush current and output voltage
overshoot when the converter starts up. The soft-start
automatically begins once the chip is enabled. During
soft-start, it clamps the ramp of internal reference
voltage which is compared with FB signal. The typical
soft-start duration is 1ms.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
triangular current at the Source of the high-side
MOSFET. To prevent large ripple current, a low ESR
input capacitor sized for the maximum RMS current
should be used. The approximate RMS current
equation is given :
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst case condition is
commonly used for design because even significant
deviations do not offer much relief. Choose a capacitor
rated at a higher temperature than required. Several
capacitors may also be paralleled to meet size or
height requirements in the design.
The output capacitor, COUT, filters the inductor’s ripple
current and stores energy to satisfy the load current
when the RT6208 is in sleep mode. The value of the
output capacitor must be large enough to accept the
energy stored in the inductor without a large change in
output
voltage.
To
achieve
an
output
voltage
peak-peak ripple less than 1% of the output voltage,
the output capacitor must be :
2
PEAK
OUT
OUT
I
C
50
L
V

 

Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For SOP-8 (Exposed Pad) package, the
thermal resistance,
JA, is 30.6C/W on a standard
JEDEC 51-7 four-layer
thermal
test
board. For
SOT-23-6 package, the thermal resistance,
JA, is
208.2
C/W on a standard JEDEC 51-7 four-layer
thermal test board. For SOT-23-8 package, the thermal
resistance,
JA, is 186.2C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum
power dissipation at TA = 25C can be calculated by
the following formula :
PD(MAX) = (125C  25C) / (30.6C/W) = 3.26W for
SOP-8 (Exposed Pad) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com