Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6296D Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6296D
Description  The RT6296D is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296D Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6296D Datasheet HTML 1Page - Richtek Technology Corporation RT6296D Datasheet HTML 2Page - Richtek Technology Corporation RT6296D Datasheet HTML 3Page - Richtek Technology Corporation RT6296D Datasheet HTML 4Page - Richtek Technology Corporation RT6296D Datasheet HTML 5Page - Richtek Technology Corporation RT6296D Datasheet HTML 6Page - Richtek Technology Corporation RT6296D Datasheet HTML 7Page - Richtek Technology Corporation RT6296D Datasheet HTML 8Page - Richtek Technology Corporation RT6296D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT6296D
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6296D-00
July
2015
www.richtek.com
3
Function Block Diagram
EN/SYNC
+
-
UV
Comparator
Oscillator
0.4V
Internal
Regulator
Shutdown
Comparator
BOOT
GND
FB
HS Switch
Current
Comparator
+
-
EA
11µA
Power
Stage &
Deadtime
Control
+
-
1.4V
+
Slope
Compensation
LS Switch
Current
Comparator
UVLO
Logic &
Protection
Control
BOOT
UVLO
Current
Sense
Current
Sense
PVCC
SS
50pF
1pF
400k
SW
VIN
0.807V
Operation
Under Voltage Lockout Threshold
The IC includes an input Under Voltage Lockout
Protection (UVLO). If the input voltage exceeds the
UVLO rising threshold voltage (3.9V), the converter
resets and prepares
the PWM for operation. If the input voltage falls below
the UVLO falling threshold voltage (3.25V) during
normal operation, the device stops switching. The
UVLO rising and falling threshold voltage includes a
hysteresis to prevent noise caused reset.
Chip Enable
The EN pin is the chip enable input. Pulling the EN pin
low (<1.1V) will shutdown the device. During shutdown
mode, the RT6296D
’s quiescent current drops to lower
than 1
A. Driving the EN pin high (>1.6V) will turn on
the device.
Operating Frequency and Synchronization
The internal oscillator runs at 500kHz (typ.) when the
EN/SYNC pin is at logic-high level (>1.6V). If the EN
pin is pulled to low-level over 8
s, the IC will shut down.
The RT6296D can be synchronized with an external
clock ranging from 200kHz to 2MHz applied to the
EN/SYNC pin. The external clock duty cycle must be
from 20% to 80% with logic-high level = 2V and
logic-low level = 0.8V.
Internal Regulator
The internal regulator generates 5V power and drive
internal circuit. When VIN is below 5V, PVCC will drop
with VIN. A capacitor (>0.1
F) between PVCC and
GND is required.
Soft-Start Function
The RT6296D provides external soft-start function. The
soft-start function is used to prevent large inrush
current while converter is being powered-up. The
soft-start timing can be programmed by the external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com