Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCX-D092 Datasheet(PDF) 1 Page - BesTech Power Co., Ltd

Part # HCX-D092
Description  For 18.5V 5S Li-ion/Li-Polymer Battery Packs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

HCX-D092 Datasheet(HTML) 1 Page - BesTech Power Co., Ltd

  HCX-D092 Datasheet HTML 1Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit Module
Module
Module
Module
PCM / BMS / PCB
For 18.5V 5S Li-ion/Li-Polymer Battery Packs
Bestech Power Co.,Ltd
3F,Bldg3,Fulian Industrial Park,Heping Industrial area,Jianhui Rd,Longhua,ShenZhen,China.
中国广东省深圳市龙华和平路和平工业区建辉路 82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.bestechpower.com
E-mail: sales@bestechpower.com
Page 1 of 1
Data Sheet
*Note:Characteristics subject to change without notice.
Item
Contents
Criteria
1
Model
HCX-D092
5S- 10A working current-- 10A cutoff
2
Voltage
Charging voltage
21V
3
Current
Maximal continuous charging current
5A
Maximal continuous discharging current
10A
Current consumption
≤100μA
4
Overcharge Protection
Over charge detection voltage
4.28V
±25mV
Over charge detection delay time
1.2S
Over charge release voltage
4.08V
±25mV
5
Over Discharge Protection
Over discharge detection voltage
2.80V
±50mV
Over discharge detection delay time
144mS
Over discharge release voltage
2.8V
±50mV
6
Over Current Protection
Over current detection voltage
0.1V±0.015V
Over current detection current
10A
Detection delay time
9mS
Release condition
Cut load,automatically recover
7
Short Circuit Protection
Detection condition
Exterior shot circuit
Detection delay time
320μS
Release condition
Cut load,automatically recover
8
Balance
Balance voltage for single cell
4,.20V
±25mV
Balance current for single cell
82mA
±10mA
9
Resistance
Inner resistance
≤50mΩ
10
Temperature
Operating temperature range
-40~+85℃
Storage temperature range
-40~+125℃
11
Size
(L*W*H)
65.1mm*43.6mm*5.6mm
Remarks:
Charge,Discharge from Different Port
P+=Charge+/Discharge+
P-=Discharge-
CH-=Charger-


Similar Part No. - HCX-D092

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-D095 BESTECH-HCX-D095 Datasheet
299Kb / 1P
For 32V 10S LiFePO4 Battery Packs
More results

Similar Description - HCX-D092

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com