Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7252BZSP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7252BZSP
Description  Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7252BZSP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7252BZSP Datasheet HTML 1Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 2Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 3Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 4Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 5Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 6Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 7Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 8Page - Richtek Technology Corporation RT7252BZSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT7252BZSP
Evaluation Board
UG7252BZSP-00
January 2015
2
http://www.richtek.com
your power partner.
Introduction
General Product Information
The RT7252B is a high efficiency, monolithic synchronous step-down DC/DC converter that operates at 800kHz and
delivers up to 2A output current from a 4V to 17V input supply. The RT7252B
’s current mode architecture allows the
transient response to be optimized. Cycle-by-cycle current limit provides protection against shorted outputs and
soft-start eliminates input current surge during start-up. Fault conditions also include output under voltage protection,
output over voltage protection, and thermal shutdown. T
he low current (<5μA) shutdown mode provides output
disconnect, enabling easy power management in battery-powered systems. The RT7252B is available in a SOP-8
(Exposed Pad) package
Product Feature
4V to 17V Input Voltage Range
2A Output Current
Internal N-MOSFETs
Current Mode Control
Fixed Frequency Operation : 800kHz
Output Adjustable from 0.8V to 12V
Up to 95% Efficiency
Internal Compensation
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Output Over Voltage Protection
Power Good Indicator
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Key Performance Summary Table
Key Features
Evaluation Board Number: PCB008_V1
Default Input Voltage
12V
Max Output Current
2A
Default Output Voltage
3.3V
Default Marking & Package Type
RT7252BZSP (SOP-8 (Exposed Pad))
Operation Frequency
Steady 800kHz at PWM
Other Key Features
4V to 17V Input Voltage Range
Power Good Indicator
Protection
Over Current Protection
Hiccup Mode Output Under-Voltage & Over-Voltage Protection
Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com