Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7255 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7255
Description  The RT7255 is a synchronous step-down
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7255 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7255 Datasheet HTML 1Page - Richtek Technology Corporation RT7255 Datasheet HTML 2Page - Richtek Technology Corporation RT7255 Datasheet HTML 3Page - Richtek Technology Corporation RT7255 Datasheet HTML 4Page - Richtek Technology Corporation RT7255 Datasheet HTML 5Page - Richtek Technology Corporation RT7255 Datasheet HTML 6Page - Richtek Technology Corporation RT7255 Datasheet HTML 7Page - Richtek Technology Corporation RT7255 Datasheet HTML 8Page - Richtek Technology Corporation RT7255 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RT7255
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7255-00
June
2015
www.richtek.com
3
Function Block Diagram
Reg
UGATE
LGATE
Driver
BOOT
PVCC
Control
VIBIAS
On-Time
VIN
Min.
Off
Ripple
Gen.
VREF
Comparator
SS
SW
GND
EN
OC
+
-
-
PVCC
UV & OV
VIN
PWRGN
PGOOD
SW
GND SW
SW
EN
FB
PVCC
VIN
Operation
The RT7255 is a synchronous step-down converter
with advanced constant on-time control mode. Using
the ACOT control mode can reduce the output
capacitance and fast transient response. It can
minimize
the
component
size
without
additional
external compensation network.
Current Protection
The inductor current is monitored via the internal
switches cycle-by-cycle. Once the output voltage drops
under UV threshold, the RT7255 will enter hiccup
mode.
UVLO Protection
To protect the chip from operating at insufficient supply
voltage, the UVLO is needed. When the input voltage
of VIN is lower than the UVLO falling threshold voltage,
the device will be lockout.
Thermal Shutdown
When the junction temperature exceeds the OTP
threshold value, the IC will shut down the switching
operation. Once the junction temperature cools down
and is lower than the OTP lower threshold, the
converter will autocratically resume switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com