Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JDV2S41FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDV2S41FS
Description  TOSHIBA Variable Capacitance Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S41FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV2S41FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S41FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S41FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S41FS
2009-06-02
1
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
JDV2S41FS
VCO for V/UHF Band Radio
• Low series resistance: rs = 0.2 Ω (typ.)
• High capacitance ratio: C2 V / C10 V = 2.5 (typ.)
• Useful for small size tuner.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
15
⎯
⎯
V
Reverse current
IR
VR = 15 V
⎯
⎯
3
nA
Capacitance
C2 V
VR = 2 V, f = 1 MHz
14
⎯
16
pF
Capacitance
C10 V
VR = 10 V, f = 1 MHz
5.5
⎯
6.5
pF
Capacitance ratio
C2 V/C10 V
⎯
2.0
2.5
⎯
⎯
Series resistance
rs
VR = 5 V, f = 470 MHz
⎯
0.2
0.4
Ω
Marking
Equivalent Circuit (top view)
Unit: mm
fSC
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.6 mg (typ.)
0.2
0.1±0.05
0.6±0.05
A
0.48+0.02
-0.03
±0.05
A
M
0.07


Similar Part No. - JDV2S41FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S41AFS TOSHIBA-JDV2S41AFS Datasheet
358Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
2022-05-25
More results

Similar Description - JDV2S41FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV4P08U TOSHIBA-JDV4P08U Datasheet
35Kb / 1P
TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV273 TOSHIBA-1SV273 Datasheet
173Kb / 2P
TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV229 TOSHIBA-1SV229 Datasheet
131Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV229 TOSHIBA-1SV229_14 Datasheet
181Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV239 TOSHIBA-1SV239_14 Datasheet
181Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV277 TOSHIBA-1SV277_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV279 TOSHIBA-1SV279_14 Datasheet
170Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com