Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7296C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7296C Datasheet HTML 1Page - Richtek Technology Corporation RT7296C Datasheet HTML 2Page - Richtek Technology Corporation RT7296C Datasheet HTML 3Page - Richtek Technology Corporation RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296C-00
May
2015
www.richtek.com
1
3A, 17V Current Mode Synchronous Step-Down Converter
General Description
The RT7296C is a high-efficiency, 3A current mode
synchronous step-down DC/DC converter with a wide
input voltage range from 4.5V to 17V. The device
integrates
80m
 high-side and 30m low-side
MOSFETs to achieve high efficiency conversion. The
current
mode
control
architecture
supports
fast
transient response and internal compensation. A
cycle-by-cycle current limit function provides protection
against
shorted
output.
The
RT7296C
provides
complete
protection
functions
such
as
input
under-voltage lockout, output under-voltage protection,
over-current protection, and thermal shutdown. The
PWM frequency is adjustable by the EN/SYNC pin. The
RT7296C is available in the TSOT-23-8 (FC) package.
Ordering Information
Package Type
J8F : TSOT-23-8 (FC)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT7296C
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
4.5V to 17V Input Voltage Range
3A Output Current
Internal N-Channel MOSFETs
Current Mode Control
Fixed Switching Frequency : 1.4MHz
Synchronous to External Clock : 300kHz to 3MHz
Cycle-by-Cycle Current Limit
External Soft-Start Function
Input Under-Voltage Lockout
Output Under-Voltage Protection
Thermal Shutdown
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Set-top Boxes
Marking Information
00=DNN
00= : Product Code
DNN : Date Code
Simplified Application Circuit
Enable
VIN
EN/SYNC
GND
BOOT
FB
SW
VOUT
VIN
RT7296C
R5
R1
R2
PVCC
SS
C3
C4
C2
L1
C5
C1


Similar Part No. - RT7296C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7296F RICHTEK-RT7296F Datasheet
677Kb / 16P
3A, 17V Current Mode Synchronous Step-Down Converter
September 2023
RT7296FGJ8F RICHTEK-RT7296FGJ8F Datasheet
677Kb / 16P
3A, 17V Current Mode Synchronous Step-Down Converter
September 2023
More results

Similar Description - RT7296C

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
The A1101R08C is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
The A1101R09C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
The A2500R24A is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
The A2500R24C is a high-performance
logo
Richtek Technology Corp...
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
The RT6208 is a high-efficiency
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
The RT6296C is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
The RT6296F is a high-efficiency
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
The RT8004A is a high efficiency synchronous
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
The TJ9910 is a PWM high-efficiency LED driver control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com