Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXES0065 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0065
Description  E-Series Surface Mount Mixer 700 . 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0065 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0065 Datasheet HTML 1Page - Tyco Electronics MAMXES0065 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
V1.00
S 1526 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Storage Temperature
-55°C to +100°C
Operating Temperature
-40°C to +85°C
Pin Temperature (10 Seconds)
260°C
Functional Configuration
Function
Pin No.
LO
1
RF
4
IF
5
Ground
2, 3, 6
Case Ground
—
Unconnected
—
Typical Performance @ +25°C
-7 .0
-6 .8
-6 .6
-6 .4
-6 .2
-6 .0
-5 .8
-5 .6
-5 .4
-5 .2
-5 .0
800 . 0
850 . 0
900 . 0
9 50. 0
1000.0
Fre q u e nc y (M Hz )
Conversion Loss
Typical Performance @ +25°C
L to R Isolation
- 45. 0
- 40. 0
- 35. 0
- 30. 0
- 25. 0
- 20. 0
70 0. 0
7 50. 0
800 . 0
8 50. 0
900 . 0
Fr e que nc y ( M H z )
L to I Isolation
- 40.0
- 38.0
- 36.0
- 34.0
- 32.0
- 30.0
- 28.0
- 26.0
- 24.0
- 22.0
- 20.0
700 .0
750.0
8 00.0
850 .0
900.0
F r eq u e n cy ( M H z )
Input IP3
-30.0
-28.0
-26.0
-24.0
-22.0
-20.0
-18.0
80 0.0
8 5 0 .0
9 00.0
950 . 0
10 00.0
Fr e q u e nc y (M Hz )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com