Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-CV Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-CV
Description  COM Express Type 6 CPU Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-CV Datasheet(HTML) 2 Page - AAEON Technology

  COM-CV_15 Datasheet HTML 1Page - AAEON Technology COM-CV_15 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-8
Dimension
Unit: mm
COM-CV Rev. B
TF-ECB-917T-A10
•
COM Express Type 6 Carrier Board, Mini-ITX, Dual Gigabit Ethernet, 2.1CH Audio, 4 COM, USB3.0, PCI-Express, AT/ATX, Rev. A1.0
TF-PER-A116
•
Heat Spreader, For COM-CV
TF-PER-A117
•
Passive Heatsink, For COM-CV, To be used with Heat Spreader
TF-PER-A118
•
CPU Cooler, 35W, For COM Express Compact Size, to be used with Heat Spreader
Ordering Information
Optional Accessories
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot Power
Temp
COM-CV-B10-02
6 (COM.0 Rev.2.0)
Intel® Atom™ D2550,
B3/1.86GHz
DDR3 SODIMM x 1
Max.4GB
CRT, LVDS, HDMI, DP
24-bit Dual Channel SATA2 x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (TX/RX)
PCI-E [x1] x 4
12V
0°C ~ 60°C
COM-CV-B10-03
6 (COM.0 Rev.2.0)
Intel® Atom™ N2600,
B3/1.6GHz
DDR3 SODIMM x 1
2GB
CRT, LVDS, HDMI, DP
24-bit Dual Channel SATA2 x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (TX/RX)
PCI-E [x1] x 4
12V
0°C ~ 60°C
COM-CVW2-B10-01
6 (COM.0 Rev.2.0)
Intel® Atom™ N2600,
B3/1.6GHz
DDR3 SODIMM x 1
2GB
CRT, LVDS, HDMI, DP
24-bit Dual Channel SATA2 x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (TX/RX)
PCI-E [x1] x 4
12V
WiTAS 2
(-40°C ~ 85°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com