Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTC2022L Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2022L
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2022L Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2022L Datasheet HTML 1Page - KEC(Korea Electronics) KTC2022L Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 12. 22
2/2
KTC2022D/L
Revision No : 6
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0.3
0.1
0.03
0.01
COLLECTOR CURRENT I (A)
C
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
25
10
30
0.1
CE(sat)
C
13
10
0.03
0.05
0.1
0.3
0.5
1
2
COMMON EMITTER
I /I =10
C B
Tc=25 C
Tc=-25 C
25
50
75
100
125
150
100
300
0.3
0.5
1
3
5
10
20
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED)
C
C
I MAX.
(CONTINUOUS)
DC
OPERATION
Tc=25
C
4
8
12
16
20
24
*
Tc=25 C
Ta=25 C
1
2
1
2
COLLECTOR CURRENT I (mA)
C
h
- I
FE
C
110100
1000
10000
10
100
500
300
I - V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
5.0
COMMON EMITTER
Tc=25 C
100
80
60
40
20
I =10mA
B
COMMON EMITTER
V =5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com