Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8265 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8265
Description  The RT8265 is an asynchronous high voltage buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8265 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8265 Datasheet HTML 1Page - Richtek Technology Corporation RT8265 Datasheet HTML 2Page - Richtek Technology Corporation RT8265 Datasheet HTML 3Page - Richtek Technology Corporation RT8265 Datasheet HTML 4Page - Richtek Technology Corporation RT8265 Datasheet HTML 5Page - Richtek Technology Corporation RT8265 Datasheet HTML 6Page - Richtek Technology Corporation RT8265 Datasheet HTML 7Page - Richtek Technology Corporation RT8265 Datasheet HTML 8Page - Richtek Technology Corporation RT8265 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8265
1
DS8265-02 March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Distributed Power Systems
Battery Charger
Pre-Regulator for Linear Regulators
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
3A, 24V, 1MHz Asynchronous Step-Down Converter
SS
BOOT
VIN
GND
SW
FB
EN
COMP
2
3
4
5
8
7
6
GND
9
General Description
The RT8265 is an asynchronous high voltage buck converter
that can support the input voltage range from 4.75V to 24V
and the output current can be up to 3A. The IC provides a
Feed-forward Voltage Mode operation to achieve the goal
of fast line transient response. The RT8265 also provides
adjustable soft-start to be a flexible solution for customers.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection. In
shutdown mode, the regulator draws 25
μA of supply current.
The RT8265 is available in a SOP-8 (Exposed Pad) surface
mount package.
Features
Wide Operating Input Range : 4.75V to 24V
Adjustable Output Voltage Range : 0.8V to 15V
Output Current up to 3A
25
μμμμμA Low Shutdown Current
Power MOSFET : 110m
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 93%
1MHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Programmable Soft-Start
Thermal Shutdown
Cycle-By-Cycle Over Current Protection
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8265
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L1
4.7µH
CB
10nF
C2
47µF
6.3V
R1
49.9k
R2
16k
VOUT
3.3V
C1
10µF/25V
Chip Enable
VIN
4.75V to 24V
RT8265
D1
B330A
SS
8
CS
0.1µF
COMP
CC
0.56nF
RC
82k
CP
NC
6
4,
9 (Exposed Pad)


Similar Part No. - RT8265

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
2A, 24V, 400kHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
More results

Similar Description - RT8265

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Richtek Technology Corp...
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
The RT8274 is a high voltage buck converter
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com