Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8274 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8274
Description  The RT8274 is a high voltage buck converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8274 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8274 Datasheet HTML 1Page - Richtek Technology Corporation RT8274 Datasheet HTML 2Page - Richtek Technology Corporation RT8274 Datasheet HTML 3Page - Richtek Technology Corporation RT8274 Datasheet HTML 4Page - Richtek Technology Corporation RT8274 Datasheet HTML 5Page - Richtek Technology Corporation RT8274 Datasheet HTML 6Page - Richtek Technology Corporation RT8274 Datasheet HTML 7Page - Richtek Technology Corporation RT8274 Datasheet HTML 8Page - Richtek Technology Corporation RT8274 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8274
1
DS8274-01 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A, 24V, 400kHz Step-Down Converter
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
General Description
The RT8274 is a high voltage buck converter that can
support the input voltage range from 4.75V to 24V and the
output current can be up to 3A. Current Mode operation
provides fast transient response and eases loop
stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator draws 25
μA of supply
current. The RT8274 is available in a SOP-8 (Exposed
Pad) surface mount package.
Features
Wide Operating Input Range : 4.75V to 24V
Adjustable Output Voltage Range : 1.222V to 15V
Output Current up to 3A
25
μμμμμA Low Shutdown Current
Power MOSFET : 0.1
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 95%
400kHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Typical Application Circuit
SOP-8 (Exposed Pad)
SS
BOOT
VIN
GND
SW
FB
EN
COMP
2
3
4
5
8
7
6
GND
9
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L1
10µH
10nF
22µF
R1
16.9k
R2
10k
VOUT
3.3V / 3A
10µF
Chip Enable
VIN
4.75V to 24V
RT8274
D1
B330A
SS
8
CSS
0.1µF
COMP
CC
4.7nF
RC
4.7k
CP
NC
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8274
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8274

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results

Similar Description - RT8274

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN732 VISHAY-AN732 Datasheet
75Kb / 7P
Designing A High-Voltage Non-Isolated Buck-Boost Converter with the Si9121DY
04-May-00
logo
Allegro MicroSystems
A8670 ALLEGRO-A8670 Datasheet
463Kb / 27P
The A8670 is a synchronous buck converter capable of delivering up to 2 A.
logo
Texas Instruments
ALM2402-Q1 TI1-ALM2402-Q1 Datasheet
1Mb / 27P
The ALM2402-Q1 is a dual high voltage
logo
STMicroelectronics
AN3319 STMICROELECTRONICS-AN3319 Datasheet
1Mb / 25P
The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
21-Mar-2013
AN1441 STMICROELECTRONICS-AN1441 Datasheet
381Kb / 13P
The ST890 is a low voltage
22-Apr-2009
logo
Richtek Technology Corp...
RT8265 RICHTEK-RT8265 Datasheet
263Kb / 13P
The RT8265 is an asynchronous high voltage buck converter
logo
ON Semiconductor
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
International Rectifier
IRDC3651 IRF-IRDC3651 Datasheet
570Kb / 13P
The IR3651 is a high voltage PWM controller designed for high performance synchronous Buck DC/DC applications.
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
logo
Shanghai Leiditech Elec...
ASM6050 LEIDITECH-ASM6050 Datasheet
1Mb / 10P
The ASM6050 is a voltage regulator with high withstand voltage
Rev 12.20.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com