Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8487 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8487
Description  High Efficiency BCM LED Driver Controller for High Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8487 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8487 Datasheet HTML 5Page - Richtek Technology Corporation RT8487 Datasheet HTML 6Page - Richtek Technology Corporation RT8487 Datasheet HTML 7Page - Richtek Technology Corporation RT8487 Datasheet HTML 8Page - Richtek Technology Corporation RT8487 Datasheet HTML 9Page - Richtek Technology Corporation RT8487 Datasheet HTML 10Page - Richtek Technology Corporation RT8487 Datasheet HTML 11Page - Richtek Technology Corporation RT8487 Datasheet HTML 12Page - Richtek Technology Corporation RT8487 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT8487
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS8487-00
March
2015
www.richtek.com
11
OCP threshold which is about seven times of the sense
voltage threshold.
Thermal Protection (OTP)
A thermal protection feature is included to protect the
RT8487 from excessive heat damage. When the
junction
temperature exceeds a threshold of 150
C, the thermal
protection OTP will be triggered and the GATE will be
turned off.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the junction to
ambient thermal resistance.
For recommended operating condition specifications,
the maximum junction temperature is 125
C. The
junction to ambient thermal resistance,
JA, is layout
dependent. For TSOT-23-6 package, the thermal
resistance,
JA, is 197.4C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum
power dissipation at TA = 25C can be calculated by
the following formula :
PD(MAX) = (125C  25C) / (197.4C/W) = 0.5W for
TSOT-23-6 package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure 1
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
Figure 1. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For best performance of the RT8487, the following
layout guidelines should be strictly followed.
The hold up capacitor, C1, must be placed as close
as possible to the VCC pin.
The compensation capacitor, C2, and delay resistor,
R3B, must be placed as close as possible to the VC
and the AND pin.
The IC GATE and GND pin are high frequency
switching nodes.
Both traces must be as wide and
short as possible.
Keep the main traces with switching current as short
and wide as possible.
Place CIN, L1, Q1, RS, COUT, and D1 as close to
each other as possible.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com