Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8497 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8497
Description  Power MOSFET Integrated High Efficiency BCM LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8497 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8497 Datasheet HTML 1Page - Richtek Technology Corporation RT8497 Datasheet HTML 2Page - Richtek Technology Corporation RT8497 Datasheet HTML 3Page - Richtek Technology Corporation RT8497 Datasheet HTML 4Page - Richtek Technology Corporation RT8497 Datasheet HTML 5Page - Richtek Technology Corporation RT8497 Datasheet HTML 6Page - Richtek Technology Corporation RT8497 Datasheet HTML 7Page - Richtek Technology Corporation RT8497 Datasheet HTML 8Page - Richtek Technology Corporation RT8497 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT8497
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8497-01
July
2015
2
Marking Information
RT8497
GSYMDNN
RT8497GS : Product Number
YMDNN : Date Code
RT8497GS
RT8497C
GSYMDNN
RT8497CGS : Product Number
YMDNN : Date Code
RT8497CGS
RT8497B
GSYMDNN
RT8497BGS : Product Number
YMDNN : Date Code
RT8497BGS
RT8497A
GSYMDNN
RT8497AGS : Product Number
YMDNN : Date Code
RT8497AGS
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SGND
Ground of the Chip.
2
VC
Close Loop Compensation Node.
3
AND
Next Delay Timing Function Control.
4
SOURCE
Internal Power MOSFET Source Connection.
5, 6
DRAIN
Internal Power MOSFET Drain Connection.
7
NC
No Internal Connection.
8
VCC
Supply Voltage Input of the Chip. For good bypass, a ceramic capacitor near the
VCC pin is required.
Function Block Diagram
DRAIN
Regulator
SGND
AND
State
Machine
VCC
VC
A
EA
+
-
+
-
250mV
SOURCE
SOURCE
Operation
The RT8497 senses true average output current and
keeps the system driving constant output current. The
VC pin is the compensation node in this close loop
system and dominates the frequency response. To
stabilize the system and achieve better PFC / THDi,
proper selection of a compensation network is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com