Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9074 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9074
Description  The RT9074 family are high voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9074 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9074 Datasheet HTML 1Page - Richtek Technology Corporation RT9074 Datasheet HTML 2Page - Richtek Technology Corporation RT9074 Datasheet HTML 3Page - Richtek Technology Corporation RT9074 Datasheet HTML 4Page - Richtek Technology Corporation RT9074 Datasheet HTML 5Page - Richtek Technology Corporation RT9074 Datasheet HTML 6Page - Richtek Technology Corporation RT9074 Datasheet HTML 7Page - Richtek Technology Corporation RT9074 Datasheet HTML 8Page - Richtek Technology Corporation RT9074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9074
®
DS9074-01
December 2014
www.richtek.com
1
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
60V, 30
μμμμμA I
Q, Low Dropout Voltage Linear Regulator
General Description
The RT9074 family are high voltage (60V operation), low
quiescent current low dropout linear regulators capable of
supplying 100mA of output current with a maximum dropout
voltage of 300mV. The low quiescent and shutdown
currents (30
μA operating and 2μA shutdown) are ideal for
use in battery-powered and/or high voltage systems.
Ground current is well-controlled in all conditions, including
dropout.
The RT9074 family operates with any reasonable output
capacitors including 1
μF low-ESR ceramic types and
features excellent line and load transient responses.
Internal protection circuitry includes reverse-battery
protection, current limiting, thermal shutdown, and reverse
current protection. Output voltage accuracy is
±3% over
the entire line and load range.
These devices are available in 3 fixed-output versions
(2.5V, 3.3V, 5V) as well as a version that supports an
adjustable output voltage (1.25V to 60V). All versions
come in SOP-8 and MSOP-8 packages with an exposed
pad for high power dissipation. The fixed output versions
are also available packaged in SOT-223.
Features
Wide Input Voltage Range : 4.5V to 60V
Low Quiescent Current : 30
μμμμμA Operating and 2μμμμμA
Shutdown
Low Dropout Voltage : 300mV maximum at
100mA
Fixed (2.5V, 3.3V, 5V) and adjustable (1.25V to 60V)
versions
±±±±±3% Output Tolerance Over Line and Load
Stable with 1
μμμμμF Output Capacitor (Aluminum,
Tantalum or Ceramic)
Inherent Reverse-Current Protection (No diode
needed)
−−−−−60V Reverse-Battery Protection
Applications
Low Current, High Voltage Regulators
Battery Powered Applications
Telecom and Datacom Applications
Automotive Application
RT9074 (Adjustable Up to 25V Output)
RT9074-25/33/50
RT9074 (Adjustable Up to 60V Output)
Typical Application Circuit
VIN
GND
VOUT
RT9074
VIN
VOUT
4.5V to 60V
CIN
0.18µF
SHDN
COUT
1µF
SENSE
2.5V/3.3V/5V
VIN
GND
VOUT
RT9074
VIN
VOUT
4.5V to 60V
CIN
0.18µF
SHDN
COUT
1µF
SENSE
1.25V to 25V
R1
R2
FB
VIN
GND
VOUT
RT9074
VIN
VOUT
4.5V to 60V
CIN
0.18µF
SHDN
COUT
1µF
SENSE
1.25V to 60V
R1
R2
FB
CCOMP


Similar Part No. - RT9074

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
Low Dropout Voltage
RT9072A RICHTEK-RT9072A Datasheet
676Kb / 13P
Low Dropout Voltage
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
The RT9073A is a low-dropout
RT9078 RICHTEK-RT9078 Datasheet
250Kb / 14P
Low-Dropout Linear Regulator
More results

Similar Description - RT9074

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
151Kb / 1P
ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
logo
Texas Instruments
ADC34J2X TI1-ADC34J2X Datasheet
6Mb / 88P
The ADC34J2x are a high-linearity
ADC324X TI1-ADC324X Datasheet
3Mb / 81P
The ADC324x are a high-linearity
logo
Silicon Laboratories
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
logo
Cypress Semiconductor
S25FL064L CYPRESS-S25FL064L Datasheet
1Mb / 151P
The Cypress FL-L Family devices are Flash Non-volatile Memory products using
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
The USB-COM-Plus modules are a family of communication devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com