Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9536H Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9536H
Description  Linear Single Cell Li-Ion Battery Charger IC for Portable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9536H Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9536H Datasheet HTML 7Page - Richtek Technology Corporation RT9536H Datasheet HTML 8Page - Richtek Technology Corporation RT9536H Datasheet HTML 9Page - Richtek Technology Corporation RT9536H Datasheet HTML 10Page - Richtek Technology Corporation RT9536H Datasheet HTML 11Page - Richtek Technology Corporation RT9536H Datasheet HTML 12Page - Richtek Technology Corporation RT9536H Datasheet HTML 13Page - Richtek Technology Corporation RT9536H Datasheet HTML 14Page - Richtek Technology Corporation RT9536H Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9536H
13
DS9536H-00
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Condition
CHGSB
PGB
Input OVP
OFF
OFF
Input UVLO
OFF
OFF
Charge (CC Mode and CV Mode)
ON
ON
Charge Done (IFULL)
OFF
ON
PGB Deglitches Time
Condition
EN/SET is
High
EN/SET is
Low
Entering OVP
(VIN = 5.5V10V)
0
100
s
Leaving OVP
(VIN = 10V5.5V)
500
s
450
s
Entering SLEEP
(VIN = 5.5V3.6V)
0
32ms
Leaving SLEEP
(VIN = 3.6V5.5V)
500
s
500
s
Entering UVLO
(VIN = 5.5V2.5V)
0
0
Leaving UVLO
(VIN = 2.5V5.5V)
230
s
230
s
Table 2
Sleep Mode
The RT9536H enters sleep mode if the power is removed
from the input. This feature prevents draining the battery
during the absence of input supply.
Temperature Regulation and Thermal Protection
In order to maximize charge rate, the RT9536H features
a junction temperature regulation loop. If the power
dissipation of the IC results in a junction temperature
greater than the thermal regulation threshold (125
°C), the
RT9536H limits the charge current in order to maintain a
junction temperature around the thermal regulation
threshold (125
°C). The RT9536H monitors the junction
temperature, TJ, of the die and disconnects the battery
from the input if TJ exceeds 125
°C. This operation
continues until junction temperature falls below thermal
regulation threshold (125
°C) by the hysteresis level. This
feature prevents maximum power dissipation from
exceeding typical design conditions.
EOC
EOC
EOC
EOC
R
I
(%) =
; K
= 200
K
The current threshold of IEOC (%) is defined as the
percentage of fast-charge current set by RISET. After the
CHGSB pin is pulled high, the RT9536H still monitors the
battery voltage. Charge current is resumed when the
battery voltage goes to lower than the battery regulation
voltage threshold.
Factory Mode
The RT9536H provides factory mode for supplies up to
2.3A for powering external loads with no battery installed
and BATT is regulated to 4.25V. The factory mode allows
the user to supply system power with no battery
connected. In factory mode, thermal regulation is disabled
but thermal protection (155
°C) is still active. When using
currents greater than 1.5A in factory mode, the user must
limit the duty cycle at the maximum current to 20% with
a maximum period of 10ms.
LDO
The RT9536H integrates one low dropout linear regulator
(LDO) that supplies up to 50mA. The LDO is active
whenever the input voltage is between POR threshold and
OVP threshold. It is not affected by the EN/SET input.
Note that the LDO current is independence and not
monitored by the charge current limit.
Charge Status Outputs (CHGSB and PGB)
The open-drain CHGSB and PGB outputs indicate various
charger operations as shown in the following Table. These
status pins can be used to drive LEDs or communicate to
the host processor. Note that ON indicates the open-drain
transistor is turned on and LED is bright.
The end-of-charge current threshold is set by the IEOC
pin. The resistor REOC is connected to IEOC and GND.
The parameters KEOC and IEOC are specified in the
specification Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com