Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9705B Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9705B
Description  The RT9705B is a dual input single output power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705B Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9705B Datasheet HTML 4Page - Richtek Technology Corporation RT9705B Datasheet HTML 5Page - Richtek Technology Corporation RT9705B Datasheet HTML 6Page - Richtek Technology Corporation RT9705B Datasheet HTML 7Page - Richtek Technology Corporation RT9705B Datasheet HTML 8Page - Richtek Technology Corporation RT9705B Datasheet HTML 9Page - Richtek Technology Corporation RT9705B Datasheet HTML 10Page - Richtek Technology Corporation RT9705B Datasheet HTML 11Page - Richtek Technology Corporation RT9705B Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9705B
9
DS9705B-03 April 2011
www.richtek.com
Output Switchover Voltage Droop
Time (50
μs/Div)
D1
VOUT
(2V/Div)
(2V/Div), COUT = 1uF
(2V/Div), COUT = open
D0 = 0, D1 = 1
0, VIN1 = VIN2 = 5V, RL = 50
Ω
↔
Auto Switchover Voltage Droop
Time (250
μs/Div)
(2V/Div)
(2V/Div)
VOUT
VIN1
D0 = 1, D1 = 0, VIN1 = 5
0V, VIN2 = 3.3V
↔
Output Switchover Voltage Droop vs. COUT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1
10
100
COUT (uF)
VIN1 =VIN2 = 3.3V
RL = 10
Ω
RL = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com