Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1090MA Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF1090MA
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1090MA Datasheet(HTML) 4 Page - Tyco Electronics

  MRF1090MA Datasheet HTML 1Page - Tyco Electronics MRF1090MA Datasheet HTML 2Page - Tyco Electronics MRF1090MA Datasheet HTML 3Page - Tyco Electronics MRF1090MA Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE DIMENSIONS
CASE 332–04
ISSUE D
NOTES:
1. DIMENSION K APPLIES TWO PLACES.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1973.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
SEATING
PLANE
–T–
K
M
L
D
A
4
1
3
2
8-32 UNC 2A
F
H
E
U
C
N
–B–
J
M
0.76 (0.030)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
6.86
7.62
0.270
0.300
B
6.10
6.60
0.240
0.260
C
16.26
16.76
0.640
0.660
D
4.95
5.21
0.195
0.205
E
1.40
1.65
0.055
0.065
F
2.67
4.32
0.105
0.170
H
1.40
1.65
0.055
0.065
J
0.08
0.18
0.003
0.007
K
15.24
---
0.600
---
L
2.41
2.67
0.095
0.105
M
45 NOM
45 NOM
N
4.97
6.22
0.180
0.245
U
2.92
3.68
0.115
0.145
__
4
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com