Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF1090MB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF1090MB
Description  MICROWAVE POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF1090MB Datasheet(HTML) 1 Page - Tyco Electronics

  MRF1090MB Datasheet HTML 1Page - Tyco Electronics MRF1090MB Datasheet HTML 2Page - Tyco Electronics MRF1090MB Datasheet HTML 3Page - Tyco Electronics MRF1090MB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The RF Line
Microwave Pulse
Power Transistor
Designed for Class B and C common base amplifier applications in short
pulse TACAN, IFF, and DME transmitters.
• Guaranteed Performance @ 1090 MHz, 50 Vdc
Output Power = 90 Watts Peak
Minimum Gain = 8.4 dB
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Industry Standard Package
• Nitride Passivated
• Gold Metallized for Long Life and Resistance to Metal Migration
• Internal Input Matching for Broadband Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Base Voltage
VCBO
70
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector–Current — Peak (1)
IC
6.0
Adc
Total Device Dissipation @ TC = 25°C (1) (2)
Derate above 25
°C
PD
290
1.66
Watts
W/
°C
Storage Temperature Range
Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (3)
RθJC
0.6
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 25 mAdc, VBE = 0)
V(BR)CES
70
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 25 mAdc, IE = 0)
V(BR)CBO
70
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 5.0 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
ICBO
—
—
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (4)
(IC = 2.5 Adc, VCE = 5.0 Vdc)
hFE
10
30
—
—
NOTES:
(continued)
1. Pulse Width = 10
µs, Duty Cycle = 1%.
2. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
4. 80
µs Pulse on Tektronix 576 or equivalent.
MRF1090MB
90 W PEAK, 960–1215 MHz
MICROWAVE POWER
TRANSISTOR
NPN SILICON
CASE 332A–03, STYLE 1
Order this document
by MRF1090MB/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 0


Similar Part No. - MRF1090MB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1090MB MOTOROLA-MRF1090MB Datasheet
104Kb / 6P
MICROWAVE POWER TRANSISTORS
logo
M/A-COM Technology Solu...
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor 90W (peak), 960-1215MHz
logo
Advanced Semiconductor
MRF1090MB ASI-MRF1090MB Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
M/A-COM Technology Solu...
MRF1090MB MA-COM-MRF1090MB Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
MRF1090MB MA-COM-MRF1090MB_15 Datasheet
185Kb / 5P
Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF1090MB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10150 MACOM-MRF10150 Datasheet
139Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1150MA MACOM-MRF1150MA Datasheet
150Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com