Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3709LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3709LPBF
Description  High Frequency Buck Converters for Server Processor Power Synchronous FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3709LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3709LPBF Datasheet HTML 1Page - International Rectifier IRF3709LPBF Datasheet HTML 2Page - International Rectifier IRF3709LPBF Datasheet HTML 3Page - International Rectifier IRF3709LPBF Datasheet HTML 4Page - International Rectifier IRF3709LPBF Datasheet HTML 5Page - International Rectifier IRF3709LPBF Datasheet HTML 6Page - International Rectifier IRF3709LPBF Datasheet HTML 7Page - International Rectifier IRF3709LPBF Datasheet HTML 8Page - International Rectifier IRF3709LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
07/01/04
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
90
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
57
A
IDM
Pulsed Drain Current

360
PD @TC = 25°C
Maximum Power Dissipation
ƒ
120
W
PD @TA = 25°C
Maximum Power Dissipation
…
3.1
W
Linear Derating Factor
0.96
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
IRF3709PbF
IRF3709SPbF
IRF3709LPBF
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
30V
9.0m
Ω
90A†
Notes
 through † are on page 11
Absolute Maximum Ratings
D2Pak
IRF3709S
TO-220AB
IRF3709
TO-262
IRF3709L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Server Processor Power Synchronous FET
l Optimized for Synchronous Buck
Converters Including Capacitive Induced
Turn-on Immunity
l Lead-Free
PD - 95495


Similar Part No. - IRF3709LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
SMPS MOSFET
More results

Similar Description - IRF3709LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZCS IRF-IRL3715ZCS Datasheet
282Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3704ZTRPBF IRF-IRFR3704ZTRPBF Datasheet
272Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFU3707Z KERSEMI-IRFU3707Z Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7821C KERSEMI-IRLR7821C Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR8726 KERSEMI-IRLR8726 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR8743 KERSEMI-IRLR8743 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3704ZCSPBF IRF-IRF3704ZCSPBF_15 Datasheet
357Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRL7833PBF IRF-IRL7833PBF_15 Datasheet
275Kb / 13P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Infineon Technologies A...
IRLR8743PBF INFINEON-IRLR8743PBF Datasheet
374Kb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
08/15/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com