Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF137 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF137
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF137 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF137 Datasheet HTML 1Page - Tyco Electronics MRF137 Datasheet HTML 2Page - Tyco Electronics MRF137 Datasheet HTML 3Page - Tyco Electronics MRF137 Datasheet HTML 4Page - Tyco Electronics MRF137 Datasheet HTML 5Page - Tyco Electronics MRF137 Datasheet HTML 6Page - Tyco Electronics MRF137 Datasheet HTML 7Page - Tyco Electronics MRF137 Datasheet HTML 8Page - Tyco Electronics MRF137 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 10 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0)
IDSS
—
—
4.0
mAdc
Gate–Source Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 25 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 500 mA)
gfs
500
750
—
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
48
—
pF
Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
54
—
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
11
—
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure
(VDS = 28 Vdc, ID = 1.0 A, f = 150 MHz)
NF
—
1.5
—
dB
Common Source Power Gain
(VDD = 28 Vdc, Pout = 30 W,
f = 150 MHz (Figure 1)
IDQ = 25 mA)
f = 400 MHz (Figure 14)
Gps
13
—
16
7.7
—
—
dB
Drain Efficiency (Figure 1)
(VDD = 28 Vdc, Pout = 30 W, f = 150 MHz, IDQ = 25 mA)
η
50
60
—
%
Electrical Ruggedness (Figure 1)
(VDD = 28 Vdc, Pout = 30 W, f = 150 MHz, IDQ = 25 mA,
VSWR 30:1 at All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 150 MHz Test Circuit
C1 — Arco 403, 3.0–35 pF, or equivalent
C2 — Arco 406, 15–115 pF, or equivalent
C3 — 56 pF Mini–Unelco, or equivalent
C4 — Arco 404, 8.0–60 pF, or equivalent
C5 — 680 pF, 100 Mils Chip
C6 — 0.01
µF, 100 V, Disc Ceramic
C7 — 100
µF, 40 V
C8 — 0.1
µF, 50 V, Disc Ceramic
C9, C10 — 680 pF Feedthru
D1 — 1N5925A Motorola Zener
L1 — 2 Turns, 0.29
″ ID, #18 AWG Enamel, Closewound
L2 — 1–1/4 Turns, 0.2
″ ID, #18 AWG Enamel, Closewound
L3 — 2 Turns, 0.2
″ ID, #18 AWG Enamel, Closewound
RFC1 — 20 Turns, 0.30
″ ID, #20 AWG Enamel, Closewound
RFC2 — Ferroxcube VK–200 — 19/4B
R1 — 10 k
Ω, 1/2 W Thin Film
R2 — 10 k
Ω, 1/4 W
R3 — 10 Turns, 10 k
Ω
R4 — 1.8 k
Ω, 1/2 W
Board — G10, 62 Mils
BIAS
ADJUST
R2
C6
D1
R4
C7
+
-
C8
RFC1
C9
RFC2
C10
+VDD = 28 V
RF
INPUT
RF
OUTPUT
C2
C1
L1
R1
DUT
L2
L3
C5
C4
C3
R3
2
REV 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com