Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF154 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF154 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF154 Datasheet HTML 1Page - Tyco Electronics MRF154 Datasheet HTML 2Page - Tyco Electronics MRF154 Datasheet HTML 3Page - Tyco Electronics MRF154 Datasheet HTML 4Page - Tyco Electronics MRF154 Datasheet HTML 5Page - Tyco Electronics MRF154 Datasheet HTML 6Page - Tyco Electronics MRF154 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Figure 2. Power Gain versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. DC Safe Operating Area
Figure 5. Capacitance versus Drain Voltage
Figure 6. Gate Voltage versus Drain Current
Figure 7. Common Source Unity Gain Frequency
versus Drain Current
25
20
15
10
5
0
200
2
5
10
20
50
100
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 800 mA
Pout = 600 W
800
050
Pin, INPUT POWER (WATTS)
100
010
20
600
400
200
0
800
600
400
200
0
VDD = 50 V
40 V
VDD = 50 V
40 V
(IDQ = 800 mA)
100
200
220
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
10
1
TC = 25°C
10,000
12
VDS, DRAIN VOLTAGE (VOLTS)
5000
2000
1000
500
200
100
5
10
20
50
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
40
10
0
04
VGS, GATE–SOURCE VOLTAGE (VOLTS)
26
8
30
20
TYPICAL DEVICE SHOWN
VDS = 10 V
VGS(th) = 3.5 V
gfs = 24 mhos
600
20
ID, DRAIN CURRENT (AMPS)
040
60
500
400
300
200
100
0
VDS = 30 V
15 V
3
REV 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com