Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6629PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6629PBF
Description  Ideal for CPU Core DC-DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6629PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6629PBF Datasheet HTML 1Page - International Rectifier IRF6629PBF Datasheet HTML 2Page - International Rectifier IRF6629PBF Datasheet HTML 3Page - International Rectifier IRF6629PBF Datasheet HTML 4Page - International Rectifier IRF6629PBF Datasheet HTML 5Page - International Rectifier IRF6629PBF Datasheet HTML 6Page - International Rectifier IRF6629PBF Datasheet HTML 7Page - International Rectifier IRF6629PBF Datasheet HTML 8Page - International Rectifier IRF6629PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6629PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
17
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.6
2.1
m
Ω
–––
2.1
2.7
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
150
–––
–––
S
Qg
Total Gate Charge
–––
34
51
Qgs1
Pre-Vth Gate-to-Source Charge
–––
7.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
11
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15
–––
Qoss
Output Charge
–––
23
–––
nC
RG
Gate Resistance
–––
1.3
3.2
Ω
td(on)
Turn-On Delay Time
–––
20
–––
tr
Rise Time
–––
67
–––
td(off)
Turn-Off Delay Time
–––
20
–––
ns
tf
Fall Time
–––
7.4
–––
Ciss
Input Capacitance
–––
4260
–––
Coss
Output Capacitance
–––
1130
–––
pF
Crss
Reverse Transfer Capacitance
–––
550
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
230
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
22
33
ns
Qrr
Reverse Recovery Charge
–––
27
41
nC
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 23A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 29A
i
VGS = 4.5V, ID = 23A
i
VDS = VGS, ID = 100µA
TJ = 25°C, IF = 23A
VGS = 4.5V
ID = 23A
VGS = 0V
VDS = 13V
ID = 23A
VDD = 13V, VGS = 4.5V
i
di/dt = 220A/µs
i See Fig. 18
TJ = 25°C, IS = 23A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com