Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF157 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF157
Description  MOS LINEAR RF POWER FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF157 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF157 Datasheet HTML 1Page - Tyco Electronics MRF157 Datasheet HTML 2Page - Tyco Electronics MRF157 Datasheet HTML 3Page - Tyco Electronics MRF157 Datasheet HTML 4Page - Tyco Electronics MRF157 Datasheet HTML 5Page - Tyco Electronics MRF157 Datasheet HTML 6Page - Tyco Electronics MRF157 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
125
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 50 V, VGS = 0)
IDSS
—
—
20
mAdc
Gate–Body Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
5.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
5.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 40 A)
VDS(on)
1.0
3.0
5.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 20 A)
gfs
16
24
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 50 V, VGS = 0 V, f = 1.0 MHz)
Ciss
—
1800
—
pF
Output Capacitance
(VDS = 50 V, VGS = 0, f = 1.0 MHz)
Coss
—
750
—
pF
Reverse Transfer Capacitance
(VDS = 50 V, VGS = 0, f = 1.0 MHz)
Crss
—
75
—
pF
FUNCTIONAL TESTS
Common Source Amplifier Power Gain
(VDD = 50 V, Pout = 600 W, IDQ = 800 mA, f = 30 MHz)
Gps
15
21
—
dB
Drain Efficiency
(VDD = 50 V, Pout = 600 W, f = 30 MHz, IDQ = 800 mA)
h
40
45
—
%
Intermodulation Distortion
(VDD = 50 V, Pout = 600 W(PEP), f1 = 30 MHz,
f2 = 30.001 MHz, IDQ = 800 mA)
IMD(d3)
—
–25
—
dB
Figure 1. 30 MHz Test Circuit
C1, C3, C8 — Arco 469
C2 — 330 pF
C4 — 680 pF
C5, C19, C20 — 0.47
µF, RMC Type 2225C
C6, C7, C14, C15, C16 — 0.1
µF
C9, C10, C11 — 470 pF
C12 — 1000 pF
C13 — Two Unencapsulated 1000 pF Mica, in Series
C17, C18 — 0.039
µF
C21 — 10
µF/100 V Electrolytic
L1 — 2 Turns #16 AWG, 1/2
″ ID, 3/8″ Long
L2, L3 — Ferrite Beads, Fair–Rite Products Corp. #2673000801
R1, R2 — 10 Ohms/2W Carbon
T1 — RF Transformer, 1:25 Impedance Ratio. See M/A-COM
T1 — Application Note AN749, Figure 4 for details.
T1 — Ferrite Material: 2 Each, Fair–Rite Products
T1 — Corp. #2667540001
All capacitors ATC type 100/200 chips or equivalent unless otherwise noted.
0-6 V
R1
C5
C6
R2
C4
L1
C1
C2
C3
C7
RF
INPUT
+
-
D.U.T.
C9
C10 C11 C12 C13
C14
C15 C16 C17 C18
C19
C8
T1
L2
L3
C20 C21
50 V
+
-
RF
OUTPUT
+
2
REV 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com