Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFUV1702 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFUV1702
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFUV1702 Datasheet HTML 3Page - RF Micro Devices RFUV1702 Datasheet HTML 4Page - RF Micro Devices RFUV1702 Datasheet HTML 5Page - RF Micro Devices RFUV1702 Datasheet HTML 6Page - RF Micro Devices RFUV1702 Datasheet HTML 7Page - RF Micro Devices RFUV1702 Datasheet HTML 8Page - RF Micro Devices RFUV1702 Datasheet HTML 9Page - RF Micro Devices RFUV1702 Datasheet HTML 10Page - RF Micro Devices RFUV1702 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Circuit Block Diagram
PACKAGE
GND
IF IN
200pF
Q bias
200pF
I bias
100 nH
100 nH
RF OUT
100pF
100nF
1uF
100pF
100nF
Vg1
VLPA1,2
100pF
100nF
1uF
VLOA2
100pF
100nF
1uF
VC3
100pF
100nF
1uF
100pF
100nF
1uF
100pF
100nF
1uF
100pF
100nF
1uF
VMPA
LO IN
100pF
100nF
1uF
VLOA1
VC1
VC2
Vg2
PACKAGE
GND
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
90
0
x2
1uF
Note: External components for IQ biases are required
Note: External hybrid coupler is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com