Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFVA2017 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVA2017
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA2017 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVA2017 Datasheet HTML 1Page - RF Micro Devices RFVA2017 Datasheet HTML 2Page - RF Micro Devices RFVA2017 Datasheet HTML 3Page - RF Micro Devices RFVA2017 Datasheet HTML 4Page - RF Micro Devices RFVA2017 Datasheet HTML 5Page - RF Micro Devices RFVA2017 Datasheet HTML 6Page - RF Micro Devices RFVA2017 Datasheet HTML 7Page - RF Micro Devices RFVA2017 Datasheet HTML 8Page - RF Micro Devices RFVA2017 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFVA2017
DS141202
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current
770
mA
Max Device Voltage
5.5
V
Max Control Line Voltage
6
V
Max RF Input Power*
25
dBm
Max Junction Temp (TJ)+150
°C
Max Storage Temp
+150
°C
Thermal Resistance (junction to
backside of module)
14.8
°C/W
ESD
Class 1C (1000V min)
Moisture Sensitivity Level
MSL3
*Load condition: ZL = 50
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency
2260
2440
MHz
Temperature Range
-40
25
85
°C
Operating Range
Gain
21
24
27
dB
Min attenuator setting
Nominal Operating Output Power
12
dBm
Operating power for ACPR rating
Output IP3
40
44
dBm
In high gain setting
P1dB
25
29
dBm
In high gain setting
ACPR
-60
-66
dBc
Dual carrier WCDMA, 7.5dB CF at nominal
operating power; over full attenuation range
Gain Flatness
0.2
0.4
dB
Over 50MHz BW
Gain Adjustment Range
19
22
dB
Control Voltage Range
0
3.3
V
Noise Figure
4.3
5.3
dB
Min attenuator setting
Impedance
50
Input Return Loss
14
22
dB
Over attenuation range
Output Return Loss
14
23
dB
Over attenuation range
Supply Voltage
4.75
5.0
5.25
V
Supply Current
300
460
600
mA
Max current at -40°C
Supply Current (VPC = 0V)
120
126
140
mA
Output amplifier shutdown total current
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com