Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVA1007LSQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # RVA1007LSQ
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA1007LSQ Datasheet(HTML) 5 Page - RF Micro Devices

  RVA1007LSQ Datasheet HTML 1Page - RF Micro Devices RVA1007LSQ Datasheet HTML 2Page - RF Micro Devices RVA1007LSQ Datasheet HTML 3Page - RF Micro Devices RVA1007LSQ Datasheet HTML 4Page - RF Micro Devices RVA1007LSQ Datasheet HTML 5Page - RF Micro Devices RVA1007LSQ Datasheet HTML 6Page - RF Micro Devices RVA1007LSQ Datasheet HTML 7Page - RF Micro Devices RVA1007LSQ Datasheet HTML 8Page - RF Micro Devices RVA1007LSQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RVA1007L
DS111021
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Description
Reference
Designator
Manufacturer
Manufacturer’s P/N
EVALUATION BOARD
DDI
RFVAx007L410(A)
CAP, 1
F, 10%, 10V, X5R, 0402
C7, C9-C10
MURATA ELECTRONICS
GRM155R61A105KE15D
RES, 0
0402
R1
KAMAYA, INC
RMC1/16SJPTH
CONN, SMA, END LAUNCH, UNIV, HYB MNT, FLT
J1-J2
HEILIND ELECTRONICS
PER MAT-21-1038
CONN, HDR, ST, PLRZD, 4-PIN, 0.100”
P2
ITW PANCON
MPSS100-4-C
CONN, HDR, ST, PLRZD, 2-PIN, 0.100”
P1
ITW PANCON
MPSS100-2-C
DNP
C1, C3-C4, C6, C11-C12,
R3-R5
RVA1007L MODULE
U1
RFMD
RVA1007L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com