Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF166W Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF166W
Description  TMOS BROADBAND RF POWER FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF166W Datasheet(HTML) 5 Page - Tyco Electronics

  MRF166W Datasheet HTML 1Page - Tyco Electronics MRF166W Datasheet HTML 2Page - Tyco Electronics MRF166W Datasheet HTML 3Page - Tyco Electronics MRF166W Datasheet HTML 4Page - Tyco Electronics MRF166W Datasheet HTML 5Page - Tyco Electronics MRF166W Datasheet HTML 6Page - Tyco Electronics MRF166W Datasheet HTML 7Page - Tyco Electronics MRF166W Datasheet HTML 8Page - Tyco Electronics MRF166W Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 7. Series Equivalent Input/Output Impedance
VDD = 28 Vdc, IDQ = 100 mA, Pout = 40 W
ZOL* = Conjugate of the optimum load impedance into which the device
output operates at a given output power, voltage and frequency.
NOTE: Input and output impedance values given are measured from gate to
gate and drain to drain respectively.
400
ZOL*
Zin
Zo = 50 Ω
500
f = 500 MHz
f = 175 MHz
400
175
f
MHz
Zin
Ohms
ZOL*
Ohms
175
3.7 – j 22.4
15.2 – j 16.6
400
3.6 – j 10.99
10.3 – j 7.99
500
2.88 – j 7.96
6.12 – j 9.43
Table 1. Input and Output Impedances
5
REV 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com