Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF174 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF174
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF174 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF174 Datasheet HTML 1Page - Tyco Electronics MRF174 Datasheet HTML 2Page - Tyco Electronics MRF174 Datasheet HTML 3Page - Tyco Electronics MRF174 Datasheet HTML 4Page - Tyco Electronics MRF174 Datasheet HTML 5Page - Tyco Electronics MRF174 Datasheet HTML 6Page - Tyco Electronics MRF174 Datasheet HTML 7Page - Tyco Electronics MRF174 Datasheet HTML 8Page - Tyco Electronics MRF174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 50 mA)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0)
IDSS
—
—
10
mAdc
Gate–Source Leakage Current (VGS = 20 V, VDS = 0)
IGSS
—
—
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
6.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 3.0 A)
gfs
1.75
2.5
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
—
175
—
pF
Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
—
190
—
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
—
40
—
pF
FUNCTIONAL CHARACTERISTICS (Figure 1)
Noise Figure
(VDD = 28 Vdc, ID = 2.0 A, f = 150 MHz)
NF
—
3.0
—
dB
Common Source Power Gain
(VDD = 28 Vdc, Pout = 125 W, f = 150 MHz, IDQ = 100 mA)
Gps
9.0
11.8
—
dB
Drain Efficiency
(VDD = 28 Vdc, Pout = 125 W, f = 150 MHz, IDQ = 100 mA)
η
50
60
—
%
Electrical Ruggedness
(VDD = 28 Vdc, Pout = 125 W, f = 150 MHz, IDQ = 100 mA,
VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 150 MHz Test Circuit
C1 — 15 pF Unelco
C2 — Arco 462, 5.0 – 80 pF
C3 — 100 pF Unelco
C4 — 25 pF Unelco
C6 — 40 pF Unelco
C7 — Arco 461, 2.7 – 30 pF
C5, C8 — Arco 463, 9.0 – 180 pF
C9, C11, C14 — 0.1
µF Erie Redcap
C10 — 50
µF, 50 V
C12, C13 — 680 pF Feedthru
D1 — 1N5925A Motorola Zener
L1 — #16 AWG, 1–1/4 Turns, 0.213
″ ID
L2 — #16 AWG, Hairpin
0.25
″
0.062
″
L3 — #14 AWG, Hairpin
0.47
″
0.2
″
L4 — 10 Turns #16 AWG Enameled Wire on R1
RFC1 — 18 Turns #16 AWG Enameled Wire, 0.3
″ ID
R1 — 10
Ω, 2.0 W
R2 — 1.8 k
Ω, 1/2 W
R3 — 10 k
Ω, 10 Turn Bourns
R4 — 10 k
Ω, 1/4 W
BIAS
ADJUST
+
–
RF OUTPUT
RF INPUT
VDD = 28 V
+
–
C9
C10 D1
R3
R2
C11
C12
L4
R1
C13
C14
RFC1
R4
DUT
C1
C2
C3
L1
L2
C4
C5
L3
C6
C7
C8
2
REV 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com