Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1255 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1255
Description  ANTENNA SWITCH MODULE WITH DUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1255 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1255 Datasheet HTML 1Page - RF Micro Devices RF1255 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customersupport@rfmd.com.
RF MEMS
LDMOS
TRx6
RF1255
TRx7
GSM 1800/1900
GSM 850/900
Charge
Pump/
Decoder
TRx5
V
C
1
VDD
TRx1
TRx2
TRx3
TRx4
V
C
2
V
C
3
V
C
4
RF1255
ANTENNA SWITCH MODULE WITH DUAL
ANTENNA PATHS
The RF1255 Antenna Switch Module offers very low insertion loss along
with excellent linearity performance. The RF1255 is ideal for multi-mode
GSM, EDGE, and UMTS handset applications. This module integrates low
pass filtering on the GSM transmit paths, thus avoiding the need for exter-
nal harmonic attenuation. The RF1255 also provides dual antenna paths
and is compatible with +1.8 V control logic. RF1255 is packaged in a com-
pact 2.8mm x 3.6mm, 26-pin module package which allows for a small
solution size with no need for external DC blocking capacitors when no
external DC is applied to the device ports.
Features
Excellent Insertion Loss and
Isolation Performance
Seven Linear Paths Offer
Maximum Band Combination,
Layout, and Air Interface
Flexibility
Integrated Low and High Band
GSM TX Filtering
Very Low Current
Consumption
Compact 2.8mm x 3.6mm x
1.0mm Laminate Module
>1kV HBM ESD Tolerance On
All Ports
Applications
Cellular Handset Applications
Cellular Modems and USB
Devices
Multi-Mode GSM, EDGE,
WCDMA, and LTE Applications
RF1255ANTENNA SWITCH MODULE WITH DUAL ANTENNA PATHS
RF1255
Antenna Switch Module With Dual Antenna Paths
DSB120326
Package Style: 26-pin, 2.8mm x 3.6mm x 1.0mm


Similar Part No. - RF1255

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
RF125 G-NICE-RF125 Datasheet
1Mb / 14P
Air Wake-up and Data Transceiver and receiver module
2024-1
logo
Mersen
RF125/RL125 MERSEN-RF125/RL125 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Littelfuse
RF1251-000 LITTELFUSE-RF1251-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
RF1252-000 LITTELFUSE-RF1252-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
More results

Similar Description - RF1255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1190EQ ETC-CXG1190EQ Datasheet
47Kb / 2P
GSM/UMTS Dual Mode Terminal Ultralow Loss Antenna Switch Module
logo
Eudyna Devices Inc
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
Quad-band Antenna Switch Module
logo
Sony Corporation
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
logo
RF Micro Devices
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
SP10T ANTENNA SWITCH MODULE
RF1292 RFMD-RF1292 Datasheet
145Kb / 2P
ANTENNA SWITCH MODULE WITH 6 LINEAR
RF1295 RFMD-RF1295 Datasheet
148Kb / 2P
SP12T ANTENNA SWITCH MODULE IDEAL FOR
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
SP10T ANTENNA SWITCH MODULE
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com